Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5397 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS5397
Description  120 dB, 96 kHZ Audio A/D Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5397 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS5397 Datasheet HTML 13Page - Cirrus Logic CS5397 Datasheet HTML 14Page - Cirrus Logic CS5397 Datasheet HTML 15Page - Cirrus Logic CS5397 Datasheet HTML 16Page - Cirrus Logic CS5397 Datasheet HTML 17Page - Cirrus Logic CS5397 Datasheet HTML 18Page - Cirrus Logic CS5397 Datasheet HTML 19Page - Cirrus Logic CS5397 Datasheet HTML 20Page - Cirrus Logic CS5397 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
CS5396 CS5397
DS229PP2
17
and SDATA2. In Master Mode, LRCK is an output
whose frequency is equal to Fs. In Slave Mode,
LRCK is an input whose frequency must be equal
to Fs and synchronous to MCLKA/D.
Master Mode- Control Port Mode
In Master mode, SCLK and LRCK are outputs
which are internally derived from the master clock.
In the 64
× Oversampling Mode, internal dividers
will divide MCLKA/D by 4 to generate a SCLK
which is 64
× Fs and by 256 to generate a LRCK
which is equal to Fs. In the 128
× Oversampling
Mode, internal dividers will divide MCLKA/D by
4 to generate a SCLK which is 128
× Fs and by 512
to generate a LRCK which is equal to Fs. The
CS5396/97 is placed in the Master mode via the
control register.
Slave Mode - Control Port Mode
LRCK and SCLK become inputs in SLAVE mode.
LRCK must be externally derived from MCLKA/D
and be equal to Fs. It is recommended that SCLK
be equal to 64
× in the 64× Oversampling Mode and
equal to 128
× in the 128× Oversampling Mode.
Other frequencies are possible but may degrade
system performance due to interference effects.
The CS5396/97 is placed in the Slave mode via the
control register.
Synchronization of Multiple Devices -
Control Port Mode
In systems where multiple ADCs are required, care
must be taken to achieve simultaneous sampling.
The FSTART bit in register 1 controls the synchro-
nization of the internal clocks and sampling pro-
cess between the analog modulator and the digital
filter. Multiple ADCs can be synchronized if the
FSTART command is initiated on the same edge of
MCLK. This can be accomplished by re-timing the
CCLK clock with the falling edge of MCLK. This
is a relatively simple matter if the ADCs have the
same address. However, if the system requires the
devices to have individual addresses, synchroniza-
tion can be accomplished by;
1) Disable the address enable bit (ADDREN) in
register 7
2) Issue a system broadcast FSTART command
synchronized with CCLK.
3) Reset the ADDREN bit.
Power-up and Calibration - Control Port
Mode
The delta-sigma modulators settle in a matter of
microseconds after the analog section is powered,
either through the application of power or by exit-
ing the power-down mode. However, the voltage
reference will take a much longer time to reach a fi-
nal value due to the presence of external capaci-
tance on the VREF pin. A time delay of
approximately 10ms/
µF is required after applying
power to the device or after exiting a power down
state.
A calibration of the tri-level delta-sigma modulator
should always be initiated following power-up and
after allowing sufficient time for the voltage on the
external VREF capacitor to settle. This is required
to minimize noise and distortion. It is also advised
that the CS5396/97 be calibrated after the device
has reached thermal equilibrium to maximize per-
formance. A calibration sequence requires the fol-
lowing commands;
1) set the FSTART bit
2) set the GND CAL bit
3) set the CAL bit
4) Wait a minimum of 2050 LRCK periods in the
128x mode or 4100 LRCK periods in the 64x
mode.
5) Remove GND CAL
High Pass Filter -Control Port Mode
The CS5396/97 includes a high pass filter after the
decimator to remove the DC offsets introduced by



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com