Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5397 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS5397
Description  120 dB, 96 kHZ Audio A/D Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5397 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS5397 Datasheet HTML 16Page - Cirrus Logic CS5397 Datasheet HTML 17Page - Cirrus Logic CS5397 Datasheet HTML 18Page - Cirrus Logic CS5397 Datasheet HTML 19Page - Cirrus Logic CS5397 Datasheet HTML 20Page - Cirrus Logic CS5397 Datasheet HTML 21Page - Cirrus Logic CS5397 Datasheet HTML 22Page - Cirrus Logic CS5397 Datasheet HTML 23Page - Cirrus Logic CS5397 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
CS5396 CS5397
20
DS229PP2
modulators via the AINR+/- and AINL+/- pins.
Each analog input will accept a maximum of
2.0 Vpp. The + and - input signals are 180° out of
phase resulting in a differential input voltage of
4.0 Vpp. Figure 8 shows the input signal levels for
full scale.
The analog modulator samples the input at
6.144 MHz (MCLK=24.576 MHz) corresponding
to Fs equal to 48 kHz in the 128
× Oversampling
Mode and Fs equal to 96 kHz in the 64
× Oversam-
pling Mode. The digital filter will reject signals
within the stopband of the filter. However, there is
no
rejection
for
input
signals
which
are
(n
× 6.144 MHz) ± the digital passband frequency,
where n=0,1,2,...A 39
Ω resistor in series with the
analog input and a 6.8 nF COG capacitor between
the inputs will attenuate any noise energy at
6.144 MHz, in addition to providing the optimum
source impedance for the modulators. The use of
capacitors which have a large voltage coefficient
(such as general purpose ceramics) must be avoid-
ed since these can degrade signal linearity. If active
circuitry precedes the ADC, it is recommended that
the above RC filter is placed between the active cir-
cuitry and the AINR and AINL pins. The above ex-
ample frequencies scale linearly with output
sample rate.
The on-chip voltage reference and the common
mode voltage are available at VREF and VCOM
for the purpose of decoupling only. However, due
to the sensitivity of this node, the circuit traces at-
tached to these pins must be minimal in length and
no load current may be taken from VREF. It is pos-
sible to use VCOM as a reference voltage to bias
the input buffer circuits, if the circuit trace is very
short and VCOM is buffered at the converter (refer
to the CDB53965/97). The recommended decou-
pling scheme for VREF, Figure 1, is a 470 µF elec-
trolytic capacitor and a 0.1 µF ceramic capacitor
connected from VREF to AGND. The recommend-
ed decoupling scheme for VCOM, Figure 1, is a
100 µF electrolytic capacitor and a 0.1 µF ceramic
capacitor connected from VCOM to AGND.
GROUNDING AND POWER SUPPLY
DECOUPLING - ALL MODES
As with any high resolution converter, the ADC re-
quires careful attention to power supply and
grounding arrangements if its potential perfor-
mance is to be realized. Figure 1 shows the recom-
mended power arrangements, with VA and VL
connected to a clean +5 V supply. VD, which pow-
ers the digital filter, should be run from the system
+5 V logic supply, provided that it is not excessive-
ly noisy (< ±50 mV pk-to-pk). Decoupling capaci-
tors should be as near to the ADC as possible, with
the low value ceramic capacitor being the nearest.
The printed circuit board layout should have sepa-
rate analog and digital regions and ground planes,
with the ADC straddling the boundary. All signals,
especially clocks, should be kept away from the
VREF pin in order to avoid unwanted coupling into
the modulators. The VREF decoupling capacitors,
particularly the 0.01
µF, must be positioned to min-
imize the electrical path from VREF and pin 3,
AGND. The CDB5396/97 evaluation board dem-
onstrates the optimum layout and power supply ar-
rangements, as well as allowing fast evaluation of
the ADC.
To minimize digital noise, connect the ADC digital
outputs only to CMOS inputs.
+3.5 V
+2.5 V
+1.5 V
+3.5 V
+2.5 V
+1.5 V
CS5396/97
AIN+
AIN-
Full Scale Input level= (AIN+) - (AIN-)= 4.0 Vpp
Figure 8. Full scale input voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com