Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5397 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS5397
Description  120 dB, 96 kHZ Audio A/D Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5397 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS5397 Datasheet HTML 23Page - Cirrus Logic CS5397 Datasheet HTML 24Page - Cirrus Logic CS5397 Datasheet HTML 25Page - Cirrus Logic CS5397 Datasheet HTML 26Page - Cirrus Logic CS5397 Datasheet HTML 27Page - Cirrus Logic CS5397 Datasheet HTML 28Page - Cirrus Logic CS5397 Datasheet HTML 29Page - Cirrus Logic CS5397 Datasheet HTML 30Page - Cirrus Logic CS5397 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
CS5396 CS5397
DS229PP2
27
24-bit low-group-delay filter output will go through a high passfilter if “_hpen” bit in the Mode
register is ‘0’. If “_hpen” is ‘1’, data at the serial audio port will derive directly from the LGD filter
output.
If more than 1 bit is set for sdata2, low-group-delay filter output will be selected for output at the
port.
Test Mode 0(address 00000100)
aoverflow
A ‘1’ indicates an overflow condition occurs in the modulator. This bit is reset by reading the
register.
doverflow
A ‘1’ indicates an overflow condition occurs in the decimation filter. This bit is reset by reading
the register.
fir1_en(sdata)
Default = ‘0’.
Test purpose only.
fir1L_R(fir1 L channel enable)
Default = ‘0’.
Test purpose only.
_psydither(psychoacoustic filter dither disable)
Default = ‘0’.
A ‘0’ means adding dither in the psychoacoustic filter.
dstart1, dstart2(dstart control bits)
Default = ‘00’.
Test purpose only.
Test Mode 1(add 00000101)
FOR FACTORY USE ONLY
Chip Address (address 00000110)
caddr(6-0) (chip address (bit6 to bit0))
Default = ‘0000000’.
This is used to store the programmable chip address for I2C and SPI mode.
When more than 1 device are connected to the I2C or SPI buses and using chip address is nec-
essary, chip address set up is done by:
1) Hold the SDATA1 pin of every chip to ‘1’ during power up.
765
4321
0
aoverflow
doverflow
fir1_en
fir1(LRCK)
_psydither
dstart1
dstart0
000
0000
765
4321
0
test mode. reserved for factory use only
765
4321
0
caddr6
caddr5
caddr4
caddr3
caddr2
caddr1
caddr0
00
0000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com