Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5397 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS5397
Description  120 dB, 96 kHZ Audio A/D Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5397 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS5397 Datasheet HTML 14Page - Cirrus Logic CS5397 Datasheet HTML 15Page - Cirrus Logic CS5397 Datasheet HTML 16Page - Cirrus Logic CS5397 Datasheet HTML 17Page - Cirrus Logic CS5397 Datasheet HTML 18Page - Cirrus Logic CS5397 Datasheet HTML 19Page - Cirrus Logic CS5397 Datasheet HTML 20Page - Cirrus Logic CS5397 Datasheet HTML 21Page - Cirrus Logic CS5397 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
CS5396 CS5397
18
DS229PP2
the analog buffer stage and the CS5396/97 analog
modulator. The high pass filter can be defeated
with the control register. It is also possible to write
to the left/right offset registers to establish a prede-
termined offset.
The characteristics of this first-order high pass fil-
ter are outlined below for Fs equal to 48 kHz. The
filter response scales linearly with sample rate.
Frequency response: -3 dB @ 1.8 Hz
-0.036 dB @ 20 Hz
Phase deviation:
5.3 degrees @ 20 Hz
Passband ripple:
None
Input Level Monitoring - Control Port Mode
The CS5396/97 includes independent Peak Input
Level Monitoring for each channel. The analog-to-
digital converter continually monitors the peak dig-
ital signal for both channels and records these val-
ues in the Active registers. This information can be
transferred to the Output registers by writing the
PU (Peak Update) bit which will also reset the Ac-
tive register. The Active register contains the peak
signal level since the previous peak update request.
The 8-bit contents of the output registers are avail-
able in both interface modes. The peak signal level
information is available in two formats - High Res-
olution Mode and Bar Graph Mode. The output for-
mat is controlled via the control register.
High Resolution Mode
Bits P7-P0 indicate the Peak Signal Level (PSL)
since the previous peak update (or previous write of
the PU bit). If the ADC input level is less than full-
scale, bits P5-P0 represent the peak value from -
60 dB to 0 dB of full scale in 1 dB steps. The PSL
outputs are accurate to within 0.25 dB. Bit P6 pro-
vides a coarse means of determining an ADC input
idle condition. Bit P7 indicates an ADC overflow
condition if the ADC input level is greater than
full-scale.
P7 - Overrange
0 - Analog input less than full-scale level
1 - Analog input greater than full-scale
P6 - Idle channel
0 - Analog input >-60 dB from full-scale
1 - Analog input <-60 dB from full-scale
P5 to P0 - Input Level Bits (1 dB steps)
Inputs <0 dB
P5 - P0
0 dB
000000
-1 dB
000001
-2 dB
000010
-60 dB
111100
Bar Graph Mode
This mode provides a decoded output format which
indicates the peak input signal level in a “Bar
Graph” format which can be used to drive front
panel LEDs. This decoded output can be used to
drive front panel LEDs.
Input Level
T7 - T0
Overflow
11111111
0 dB to -3 dB
01111111
-3 dB to -6 dB
00111111
-6 dB to -10 dB
00011111
-10 dB to -20 dB
00001111
-20 dB to -30 dB
00000111
-30 dB to -40 dB
00000011
-40 dB to -60 dB
00000001
< - 60 dB
00000000
Dual Digital Audio Outputs
The CS5396/97 contains two stereo digital audio
output channels - SDATA1 and SDATA2. These
audio output channels are completely independent,
as SDATA1 can contain 24-bit audio data simulta-
neous with psychoacoustic audio data on SDATA2.
Another example of this independence is 24-bit au-
dio data output on SDATA1 simultaneously with a
low group delay output on SDATA2.
The audio output formats are completely program-
mable through the I2C/SPI µC interface. The output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com