Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5397 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS5397
Description  120 dB, 96 kHZ Audio A/D Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5397 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS5397 Datasheet HTML 15Page - Cirrus Logic CS5397 Datasheet HTML 16Page - Cirrus Logic CS5397 Datasheet HTML 17Page - Cirrus Logic CS5397 Datasheet HTML 18Page - Cirrus Logic CS5397 Datasheet HTML 19Page - Cirrus Logic CS5397 Datasheet HTML 20Page - Cirrus Logic CS5397 Datasheet HTML 21Page - Cirrus Logic CS5397 Datasheet HTML 22Page - Cirrus Logic CS5397 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
CS5396 CS5397
DS229PP2
19
formats include: inverted output, psychoacoustic
output (16-bit, 18-bit, 20-bit), and low group delay
output.
Psychoacoustic Filter
The CS5396/97 includes a programmable 10 tap
digital filter which can be used to perform psycho-
acoustic noise-shaping of the audio spectrum if
desired. The filter can implement a variety of 16-
bit, 18-bit, or 20-bit noise-shaped responses by
setting the digital filter coefficients. Further dis-
cussion of the psychoacoustic filter can be found
in Appendix C.
Appendix B discusses an application using the psy-
choacoustic filter independently of the A/D con-
verter function. In this mode, SDATA2 becomes an
input to the psychoacoustic filter stage and
SDATA1 is the digital audio output.
Low Group Delay Filter
The characteristics of the low group delay filter are
shown in Figures 17 - 24.
µC Interface Formats
The device supports either SPI or I2C interface for-
mats. The CS5396/97 monitors the state of CS dur-
ing power-up and will configure to an SPI interface
if the pin is held low. Conversely, if the pin is held
high, the port will configure to a I2C interface.
SPI Mode
In SPI mode, CS is the chip select signal, CCLK is
the µC bit clock and CDIN is the input data line
from the microcontroller. Notice that it is not pos-
sible to read the CS5396/97 registers in SPI mode
due to the lack of a data output pin.
To write to a register, bring CS low. The first 7 bits
on CDIN are the chip address, and must be zero.
The eighth bit is a read/write indicator (R/W)
which must be low.
The next 8 bits form the Memory Address Pointer
(MAP), which is set to the address of the register
that is to be updated. The next 8 bits are the data
which will be placed into the register designated by
the MAP.
The CS5396/97 has a MAP auto increment, which
will increment the MAP after each byte is written,
allowing block writes of successive registers.
I2C Mode
In I2C mode, CDIN is a bidirectional data line.
Data is clocked into and out of the part by CCLK.
The eighth bit of the address byte is the R/W bit
(high for a read, low for a write). If the operation is
a write, the next byte is the Memory Address Point-
er which selects the register to be read or written. If
the operation is a read, the contents of the register
pointed to by the Memory Address Pointer will be
output. MAP allows successive reads or writes of
consecutive registers. Each byte is separated by an
acknowledge bit. Use of the I2C bus compatible in-
terface requires a license from Philips. I2C bus in a
registered trademark of Philips Semiconductors.
Establishing the Chip Address in I
2C Mode
Connecting SDATA1 pin and CS to 5 volts during
power-up will set the device to the Control Port and
I2C mode. However, the control port will not re-
spond to CCLK and CDATA until the hold on the
SDATA1 pin is released. The chip address can be
set by:
1) Release the hold on the SDATA1 pin of the de-
vice to be addressed.
2) Program the chip address and set the Address
Enable bit, addren, which will prevent further
communication to this device without the cor-
rect address.
3) Repeat steps 1 and 2 for the remaining devices
on the bus.
ANALOG CONNECTIONS - ALL MODES
Figure 1 shows the analog input connections. The
analog inputs are presented differentially to the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com