Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5397 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS5397
Description  120 dB, 96 kHZ Audio A/D Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5397 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS5397 Datasheet HTML 9Page - Cirrus Logic CS5397 Datasheet HTML 10Page - Cirrus Logic CS5397 Datasheet HTML 11Page - Cirrus Logic CS5397 Datasheet HTML 12Page - Cirrus Logic CS5397 Datasheet HTML 13Page - Cirrus Logic CS5397 Datasheet HTML 14Page - Cirrus Logic CS5397 Datasheet HTML 15Page - Cirrus Logic CS5397 Datasheet HTML 16Page - Cirrus Logic CS5397 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
CS5396 CS5397
DS229PP2
13
mats. The serial data interface is accomplished via
the serial data outputs; SDATA1 and SDATA2; se-
rial data clock, SCLK, and the left/right clock,
LRCK. The serial nature of the output data results
in the left and right data words being read at differ-
ent times. However, the samples within an LRCK
cycle represent simultaneously sampled analog in-
puts.
Serial Data- Stand-Alone Mode
The serial data block consists of 24 bits of audio
data presented in 2’s-complement format with the
MSB-first. The data is clocked from SDATA1 and
SDATA2 by the serial clock and the channel is de-
termined by the Left/Right clock. The full precision
24-bit data is available on SDATA1 and the output
from the low group delay filter is available on
SDATA2.
Serial Clock - Stand-Alone Mode
The serial clock shifts the digitized audio data from
the internal data registers via the SDATA1 and
SDATA2 pins. SCLK is an output in Master Mode
where internal dividers will divide the master clock
by 4 to generate a serial clock which is 64
× Fs. In
Slave Mode, SCLK is an input with a serial clock
typically between 48
× and 128× Fs. However, it is
recommended that SCLK be equal to 64
×, though
other frequencies are possible, to avoid potential
interference effects which may degrade system per-
formance.
Left/Right Clock - Stand-Alone Mode
The Left/Right clock, LRCK, determines which
channel, left or right, is to be output on SDATA1
and SDATA2. In Master Mode, LRCK is an output
whose frequency is equal to Fs. In Slave Mode,
LRCK is an input whose frequency must be equal
to Fs and synchronous to MCLKA/D.
Master Mode - Stand-Alone Mode
In Master mode, SCLK and LRCK are outputs
which are internally derived from the master clock.
Internal dividers will divide MCLKA/D by 4 to
generate a SCLK which is 64
× Fs and by 256 to
generate a LRCK which is equal to Fs. The
CS5396/97 is placed in the Master mode with the
slave/master pin, S/M, low.
Slave Mode - Stand-Alone Mode
LRCK and SCLK become inputs in SLAVE mode.
LRCK must be externally derived from MCLKA/D
and be equal to Fs. It is recommended that SCLK
be equal to 64
×. Other frequencies between 48×
and 128
× Fs are possible but may degrade system
performance due to interference effects. The mas-
ter clock frequency must be 256
× Fs. The
CS5396/97 is placed in the Slave mode with the
slave/master pin, S/M, high.
High Pass Filter - Stand-Alone Mode
The CS5396/97 includes a high pass filter after the
decimator to remove the DC offsets introduced by
the analog buffer stage and the CS5396/97 analog
modulator. The characteristics of this first-order
high pass filter are outlined below, for Fs equal to
48 kHz. This filter response scales linearly with
sample rate.
Frequency response: -3 dB @ 1.8 Hz
-0.036 dB @ 20 Hz
Phase deviation:
5.3 degrees @ 20 Hz
Passband ripple:
None
Power-up and Calibration - Stand-Alone
Mode
The delta-sigma modulators settle in a matter of
microseconds after the analog section is powered,
either through the application of power or by exit-
ing the power-down mode. However, the voltage
reference will take a much longer time to reach a fi-
nal value due to the presence of external capaci-
tance on the VREF pin. A time delay of
approximately 10ms/
µF is required after applying
power to the device or after exiting a power down
state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com