Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5397 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS5397
Description  120 dB, 96 kHZ Audio A/D Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5397 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS5397 Datasheet HTML 10Page - Cirrus Logic CS5397 Datasheet HTML 11Page - Cirrus Logic CS5397 Datasheet HTML 12Page - Cirrus Logic CS5397 Datasheet HTML 13Page - Cirrus Logic CS5397 Datasheet HTML 14Page - Cirrus Logic CS5397 Datasheet HTML 15Page - Cirrus Logic CS5397 Datasheet HTML 16Page - Cirrus Logic CS5397 Datasheet HTML 17Page - Cirrus Logic CS5397 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
CS5396 CS5397
14
DS229PP2
A calibration of the tri-level delta-sigma modulator
should always be initiated following power-up and
after allowing sufficient time for the voltage on the
external VREF capacitor to settle. This is required
to minimize noise and distortion. It is also advised
that the CS5396/97 be calibrated after the device
has reached thermal equilibrium, approximately 10
seconds, to maximize performance.
Synchronization of Multiple Devices -
Stand Alone Mode
In systems where multiple ADCs are required, care
must be taken to achieve simultaneous sampling. It
is recommended that the rising edge of the CAL
signal be timed with a falling edge of MCLK to en-
sure that all devices will initiate a calibration and
synchronization sequence on the same rising edge
of MCLK. The absence of re-timing of the CAL
signal can result in a sampling difference of one
MCLK period.
CONTROL PORT MODE
Access to Control Port Mode
The mode selection between Stand-Alone and Con-
trol Port Mode is determined by the state of the
SDATA1 pin 250 MCLK cycles following the in-
ternal power-on reset. A 47 k
Ω pull-up resistor on
SDATA1 will select the Control Port Mode. How-
ever, the control port will not respond to CCLK and
CDIN until the pull-up on the SDATA1 pin is re-
leased.
Internal Power-On Reset
The timing required to determine Control port
mode and I2S/SPI mode is based on an internal
power-on reset. The internal power-on reset re-
quires the power supply to exceed a threshold volt-
age. However, there is no external indication of
when the internal reset is activated. If precise tim-
ing of the Control port and I2S/SPI decisions is re-
quired, MCLK should not be applied until the
power supply has stabilized.
SDATA
23 22
7
6
23 22
SCLK
LRCK
23 22
MASTER
24-Bit Left Justified Data
Data Valid on Rising Edge of 64x SCLK
MCLK equal to 256x Fs
54
32
10
8
SLAVE
24-Bit Left Justified Data
Data Valid on Rising Edge of SCLK
MCLK equal to 256x Fs
9
76
54
32
10
8
9
Left
Right
Figure 2. Serial Data Format 0, Stand-Alone Mode, DFS low. Left Justified.
SDATA
23 22
8
7
23 22
SCLK
LRCK
23 22
MASTER
I S 24-Bit Data
Data Valid on Rising Edge of 64x SCLK
MCLK equal to 256x Fs
2
SLAVE
I S 24-Bit Data
Data Valid on Rising Edge of SCLK
MCLK equal to 256x Fs
2
65
43
21
0
87
65
43
21
0
9
9
Left
Right
Figure 3. Serial Data Format 1, Stand-Alone Mode, DFS High. I
2S compatible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com