Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5397 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS5397
Description  120 dB, 96 kHZ Audio A/D Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5397 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS5397 Datasheet HTML 22Page - Cirrus Logic CS5397 Datasheet HTML 23Page - Cirrus Logic CS5397 Datasheet HTML 24Page - Cirrus Logic CS5397 Datasheet HTML 25Page - Cirrus Logic CS5397 Datasheet HTML 26Page - Cirrus Logic CS5397 Datasheet HTML 27Page - Cirrus Logic CS5397 Datasheet HTML 28Page - Cirrus Logic CS5397 Datasheet HTML 29Page - Cirrus Logic CS5397 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
CS5396 CS5397
26
DS229PP2
HPEN (HP enable) Default = ‘0’.
The highpass filter will be disabled when _HPEN = ‘1’. The highpass filter will be automatically
enabled following calibration.
S/_M (Slave / Master mode) Default = ‘0’.
In master mode, LRCK, and SCLK are outputs. In slave mode, LRCK and SCLK are inputs.
This bit is ignored when sdata1 is used as input port in “fir2in” or “psychoin” mode (refer to Dig-
ital control & Tag register and Appendix B).
DFS (Digital Format Select)Default = ‘0’.
Output of serial data complies with I2S standard when DFS is 1.
Out-
put of serial data is Left Justified when DFS is 0.
MUTE
Default = ‘0’.
Data at SDATA1 and SDATA2 is always ‘0’ when this set to ‘1’.
Audio port (address 00000011)
24bit(SDATA1)
Default = ‘1’.
A ‘1’ enables the serial audio port 1 to transmit the 24-bit high precision output.
This bit must be set to ‘0’ to enable other SDATA1 output options.
24bit(SDATA2)
Default = ‘0’.
A ‘1’ enables the serial audio port 2 to transmit 24-bit high precision output. This bit must be set
to ‘0’ to enable other SDATA2 output options.
psycho(SDATA1)
Default = ‘0’.
psychoacoustic output will be the data at the serial audio port 1 if this bit is ‘1’ and all other bits
of the port are set to ‘0’.
psycho(SDATA2)
Default = ‘0’.
psychoacoustic output will be the data at the serial audio port 2 if this bit is ‘1’ and all other bits
of the port are set to ‘0’.
psel18/_16(Psycho 18bit or 16bit)
Default = ‘0’.
This bit indicates the number of output bit if the psychoacoustic filter is chosen as output. A ‘0’
here allows 16 bits output whereas a ‘1’ allows 18 bits output as long as “psel20/_16” is ‘0’.
psel20/_16(Psycho 20bit)
Default = ‘0’.
This bit has the highest priority when setting the number of output bit of psychoacoustic filter. If
this bit is ‘1’, the output is set to 20-bit regardless of the status of “psel18/_16”.
LGD(sdata1)
Default = ‘0’.
24-bit low-group-delay filter output will go through a highpass filter if “_hpen” bit in the Mode
register is ‘0’. The LGD output will be the data at the serial audio port 1 if this bit is ‘1’ and all
other bits of the port set to ‘0’.
LGD(sdata2)
Default = ‘1’.
765
4321
0
24bit
(sdata1)
24bit
(sdata2)
psycho
(sdata1)
psycho
(sdata2)
psel18/_16
psel20/_16
lgd
(sdata1)
lgd
(sdata2)
100
0000
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com