Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6514 Datasheet (PDF) - Inchange Semiconductor Company Limited

2N6514 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2N6514
Download  2N6514 Download
File Size   143.36 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

2N6514 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N6514 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2N6514
Download  2N6514 Click to download

File Size   143.36 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

2N6514 Datasheet (HTML) - Inchange Semiconductor Company Limited


2N6514 Product details

DESCRIPTION
• Low Collector Saturation Voltage- : VCE(sat)= 1.5V(Max.)@IC= 5A
• Colletor-Emitter Sustaining Voltage- : VCEO(SUS)= 300V(Min.)
• Fast Switching Speed

APPLICATIONS
• Designed for use in off-line power supplies, high voltage inverters, switching regulators, ignition systems and deflection circuits.




Similar Part No. - 2N6514

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2N6514 SAVANTIC-2N6514 Datasheet
109Kb / 3P
Silicon NPN Power Transistors
logo
Seme LAB
2N6514 SEME-LAB-2N6514 Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3
logo
Savantic, Inc.
2N6514 SAVANTIC-2N6514 Datasheet
111Kb / 3P
Silicon NPN Power Transistors
More results


Similar Description - 2N6514

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com