Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTC2 Datasheet (PDF) - Murata Power Solutions Inc.

MTC2 Datasheet PDF - Murata Power Solutions Inc.
Part # MTC2
Download  MTC2 Download
File Size   813.92 Kbytes
Page   12 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description Isolated 2W SM 2:1 Input Single Output DC/DC Converters

MTC2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MTC2 Datasheet PDF - Murata Power Solutions Inc.

Part # MTC2
Download  MTC2 Click to download

File Size   813.92 Kbytes
Page   12 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description Isolated 2W SM 2:1 Input Single Output DC/DC Converters

MTC2 Datasheet (HTML) - Murata Power Solutions Inc.




Similar Part No. - MTC2

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MTC2 ADAM-TECH-MTC2 Datasheet
129Kb / 1P
.156 HEADER & HOUSING .156 [3.96] CENTERLINE
logo
Fairchild Semiconductor
MTC20 FAIRCHILD-MTC20 Datasheet
132Kb / 11P
Octal Bi-Directional Transceiver with 3-STATE Outputs
MTC20 FAIRCHILD-MTC20 Datasheet
122Kb / 10P
Octal Transparent Latch with 3-STATE Outputs
MTC20 FAIRCHILD-MTC20 Datasheet
156Kb / 11P
Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Outputs with 26ohm Series Resistors in the Outputs
MTC20 FAIRCHILD-MTC20 Datasheet
767Kb / 14P
Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
More results


Similar Description - MTC2

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NDL CANDD-NDL Datasheet
202Kb / 2P
Isolated 2W Wide Input Single Output DC-DC Converters
NTH CANDD-NTH Datasheet
609Kb / 2P
Isolated 2W Dual Output SM DC-DC Converters
logo
Microdc power Technolog...
B-XNM-2W MICRODC-B-XNM-2W Datasheet
889Kb / 4P
Isolated 2W Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NDL0512SC MURATA-NDL0512SC Datasheet
203Kb / 4P
Isolated 2W Wide Input Single Output DC/DC Converters
NTH0505MC MURATA-NTH0505MC Datasheet
232Kb / 6P
Isolated 2W Dual Output SM DC/DC Converters
logo
Microdc power Technolog...
2B-XD MICRODC-2B-XD Datasheet
645Kb / 5P
Fixed Input,Isolated 2W Single Output DC/DC Converters
2B-XSD MICRODC-2B-XSD Datasheet
645Kb / 5P
Fixed Input,Isolated 2W Single Output DC/DC Converters
logo
Murata Power Solutions ...
MTC1 MURATA-PS-MTC1 Datasheet
471Kb / 11P
Isolated 1W SM 2:1 Input Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TP2L-1KV3KV TOPPOWER-TP2L-1KV3KV Datasheet
181Kb / 3P
2W Isolated Wide Input Single Output DC/DC Converters
logo
Murata Power Solutions ...
NXJ2 MURATA-PS-NXJ2 Datasheet
694Kb / 13P
Isolated 2W Single Output SM DC-DC Converters
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com