Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WT6016 Datasheet (PDF) - List of Unclassifed Manufacturers

WT6016 Datasheet PDF - List of Unclassifed Manufacturers
Part # WT6016
Download  WT6016 Download
File Size   567.95 Kbytes
Page   24 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Digital Monitor Controller

WT6016 Datasheet (PDF)

Go To PDF Page Download Datasheet
WT6016 Datasheet PDF - List of Unclassifed Manufacturers

Part # WT6016
Download  WT6016 Click to download

File Size   567.95 Kbytes
Page   24 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Digital Monitor Controller

WT6016 Datasheet (HTML) - List of Unclassifed Manufacturers


WT6016 Product details

[Weltrend Semiconductor, Inc.]

GENERAL DESCRIPTION
The WT6016 is a member of WT60XX microcontroller family. It is specially designed for digital controlled multi-sync monitor. It contains 8-bit CPU, 16K bytes ROM, 288 bytes RAM, 14 PWMs, parallel I/O, SYNC processor, timer, one DDC interface (slave mode I2C interface with DDC1), one master/slave I2C interface, two 4-bit A/D convertors and watch-dog timer.

FEATURES
* 8-bit 6502 compatible CPU, 4MHz operating frequency
* 16384 bytes ROM, 288 bytes SRAM
* 8MHz crystal oscillator
* 14 channels 8-bit/62.5kHz PWM outputs (8 open drain outputs & 6 CMOS outputs)
* Sync signal processor with H+V separation, frequency calculation, H/V polarity detection/control
* Three free-running sync signal outputs for burn-in test (64kHz/62.5Hz, 48kHz/75Hz, 31kHz/60Hz)
* Self-test pattern generator generates cross hatch picture
* DDC interface supports VESA DDC1/DDC2B standard
* Master/slave I2C interface
* Watch-dog timer (0.524 second)
* Maximum 25 programmable I/O pins
* One 8-bit programmable timer
* Two 4-bit A/D converter
* One external interrupt request
* Built-in low VDD voltage reset
* +5V power supply




Similar Part No. - WT6016

ManufacturerPart #DatasheetDescription
logo
Weltrend Semiconductor
WT6014 WELTREND-WT6014 Datasheet
436Kb / 19P
Digital Monitor Controller
logo
List of Unclassifed Man...
WT6018 ETC-WT6018 Datasheet
527Kb / 23P
Digital Monitor Controller
More results


Similar Description - WT6016

ManufacturerPart #DatasheetDescription
logo
Weltrend Semiconductor
WT6014 WELTREND-WT6014 Datasheet
436Kb / 19P
Digital Monitor Controller
logo
List of Unclassifed Man...
WT60P1 ETC-WT60P1 Datasheet
567Kb / 24P
Digital Monitor Controller
WT6018 ETC-WT6018 Datasheet
527Kb / 23P
Digital Monitor Controller
AL300 ETC-AL300 Datasheet
679Kb / 64P
LCD Monitor Controller
WT6148 ETC1-WT6148 Datasheet
44Kb / 5P
Digital Monitor Controller (ROM Type)
logo
Cirrus Logic
CS44210 CIRRUS-CS44210 Datasheet
656Kb / 38P
DIGITAL PWM CONTROLLER WITH HEADPHONE MONITOR
logo
List of Unclassifed Man...
WT6248 ETC1-WT6248 Datasheet
43Kb / 4P
Digital Monitor Controller with USB Function
logo
Weltrend Semiconductor
WT62P2 WELTREND-WT62P2 Datasheet
48Kb / 5P
Digital Monitor Controller with USB Function Preliminary Data Sheet
logo
Maxim Integrated Produc...
MAX8688 MAXIM-MAX8688 Datasheet
407Kb / 38P
Digital Power-Supply Controller/Monitor with PMBus Interface
Rev 1; 12/09
MAX8688 MAXIM-MAX8688_11 Datasheet
463Kb / 38P
Digital Power-Supply Controller/Monitor with PMBus Interface
Rev 2; 2/11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com