Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WT6248 Datasheet (PDF) - List of Unclassifed Manufacturers

WT6248 Datasheet PDF - List of Unclassifed Manufacturers
Part # WT6248
Download  WT6248 Download
File Size   43.13 Kbytes
Page   4 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Digital Monitor Controller with USB Function

WT6248 Datasheet (PDF)

Go To PDF Page Download Datasheet
WT6248 Datasheet PDF - List of Unclassifed Manufacturers

Part # WT6248
Download  WT6248 Click to download

File Size   43.13 Kbytes
Page   4 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Digital Monitor Controller with USB Function

WT6248 Datasheet (HTML) - List of Unclassifed Manufacturers


WT6248 Product details

[Weltrend Semiconductor, Inc.]

GENERAL DESCRIPTION
The WT6248 is a microcontroller for digital controlled monitor with Universal Serial Bus (USB) interface. It contains an 8-bit CPU, 48K bytes ROM, 1056 bytes RAM, 14 PWMs, parallel I/Os, SYNC signal processor, timer, DDC1/2B interface, master/slave I2C interface, low speed USB device module, 6-bit A/D converter and watch-dog timer.

FEATURES
• 8-bit 6502 compatible CPU with 6MHz operating frequency
• 48K bytes ROM, 1024 bytes SRAM+32 bytes bit-addressable SRAM
• 12MHz crystal oscillator
• 14 channels 8-bit PWM outputs
• Sync signal processor with H+V separation, H/V frequency counter, H/V polarity detection/control and clamp pulse output
• Six free-running sync signal outputs (Horizontal frequency up to 106KHz 85Hz@1600x1200)
• Self-test pattern
• DDC1/2B module for EDID1.3, EDID2.0 and Enhance EDID
• Fast mode master/slave I2C interface (up to 400KHz)
• Embedded USB function with endpoint 0 and endpoint 1
• Built-in 3.3V regulator for USB transceiver
• Watch-dog timer
• Maximum 28 programmable I/O pins
• One 8-bit programmable timer
• 6-bit A/D converter with 4 selectable inputs
• One external interrupt request input
• Low VDD reset




Similar Part No. - WT6248

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WT62P1 ETC-WT62P1 Datasheet
416Kb / 48P
microcontroller for digital controlled monitor with Universal Serial Bus (USB) interface
WT62P1-K42 ETC-WT62P1-K42 Datasheet
416Kb / 48P
microcontroller for digital controlled monitor with Universal Serial Bus (USB) interface
WT62P1-N28 ETC-WT62P1-N28 Datasheet
416Kb / 48P
microcontroller for digital controlled monitor with Universal Serial Bus (USB) interface
WT62P1-N40 ETC-WT62P1-N40 Datasheet
416Kb / 48P
microcontroller for digital controlled monitor with Universal Serial Bus (USB) interface
WT62P1-N42 ETC-WT62P1-N42 Datasheet
416Kb / 48P
microcontroller for digital controlled monitor with Universal Serial Bus (USB) interface
More results


Similar Description - WT6248

ManufacturerPart #DatasheetDescription
logo
Weltrend Semiconductor
WT6014 WELTREND-WT6014 Datasheet
436Kb / 19P
Digital Monitor Controller
logo
List of Unclassifed Man...
WT6016 ETC-WT6016 Datasheet
567Kb / 24P
Digital Monitor Controller
WT60P1 ETC-WT60P1 Datasheet
567Kb / 24P
Digital Monitor Controller
WT6018 ETC-WT6018 Datasheet
527Kb / 23P
Digital Monitor Controller
WT6148 ETC1-WT6148 Datasheet
44Kb / 5P
Digital Monitor Controller (ROM Type)
logo
Cirrus Logic
CS44210 CIRRUS-CS44210 Datasheet
656Kb / 38P
DIGITAL PWM CONTROLLER WITH HEADPHONE MONITOR
logo
Elite Semiconductor Mem...
AD62551A ESMT-AD62551A Datasheet
183Kb / 3P
USB controller with external Amplifier and Recording function
logo
Weltrend Semiconductor
WT62P2 WELTREND-WT62P2 Datasheet
48Kb / 5P
Digital Monitor Controller with USB Function Preliminary Data Sheet
logo
Maxim Integrated Produc...
MAX8688 MAXIM-MAX8688 Datasheet
407Kb / 38P
Digital Power-Supply Controller/Monitor with PMBus Interface
Rev 1; 12/09
MAX8688 MAXIM-MAX8688_11 Datasheet
463Kb / 38P
Digital Power-Supply Controller/Monitor with PMBus Interface
Rev 2; 2/11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com