Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WT62P1 Datasheet (PDF) - List of Unclassifed Manufacturers

WT62P1 Datasheet PDF - List of Unclassifed Manufacturers
Part # WT62P1
Download  WT62P1 Download
File Size   416.71 Kbytes
Page   48 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description microcontroller for digital controlled monitor with Universal Serial Bus (USB) interface

WT62P1 Datasheet (PDF)

Go To PDF Page Download Datasheet
WT62P1 Datasheet PDF - List of Unclassifed Manufacturers

Part # WT62P1
Download  WT62P1 Click to download

File Size   416.71 Kbytes
Page   48 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description microcontroller for digital controlled monitor with Universal Serial Bus (USB) interface

WT62P1 Datasheet (HTML) - List of Unclassifed Manufacturers


WT62P1 Product details

[Weltrend Semiconductor, Inc.]

GENERAL DESCRIPTION
The WT62P1 is a microcontroller for digital controlled monitor with Universal Serial Bus (USB) interface. It contains an 8-bit CPU, 32K bytes flash memory, 512 bytes RAM, 14 PWMs, parallel I/Os, SYNC signal processor, timer, DDC1/2B interface, master/slave I2C interface, low speed USB device module, 6-bit A/D converter and watch-dog timer.

FEATURES
• 8-bit 6502 compatible CPU with 6MHz operating frequency
• 32768 bytes flash memory, 512 bytes SRAM
• 12MHz crystal oscillator
• 14 channels 8-bit PWM outputs
• Sync signal processor with H+V separation, H/V frequency counter, H/V polarity detection/control and clamp pulse output
• Six free-running sync signal outputs (Horizontal frequency up to 106KHz)
• Self-test pattern
• DDC1/2B supported
• Fast mode master/slave I2C interface (up to 400KHz)
• Embedded USB function with endpoint 0 and endpoint 1
• Built-in 3.3V regulator for USB tranceiver
• Watch-dog timer
• Maximum 28 programmable I/O pins
• One 8-bit programmable timer
• 6-bit A/D converter with 4 selectable inputs
• One external interrupt request input
• Low VDD reset




Similar Part No. - WT62P1

ManufacturerPart #DatasheetDescription
logo
Weltrend Semiconductor
WT62P2 WELTREND-WT62P2 Datasheet
48Kb / 5P
Digital Monitor Controller with USB Function Preliminary Data Sheet
WT62P2-K42 WELTREND-WT62P2-K42 Datasheet
48Kb / 5P
Digital Monitor Controller with USB Function Preliminary Data Sheet
WT62P2-L44 WELTREND-WT62P2-L44 Datasheet
48Kb / 5P
Digital Monitor Controller with USB Function Preliminary Data Sheet
WT62P2-N40 WELTREND-WT62P2-N40 Datasheet
48Kb / 5P
Digital Monitor Controller with USB Function Preliminary Data Sheet
WT62P2-N42 WELTREND-WT62P2-N42 Datasheet
48Kb / 5P
Digital Monitor Controller with USB Function Preliminary Data Sheet
More results


Similar Description - WT62P1

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8X930AX INTEL-8X930AX Datasheet
283Kb / 38P
UNIVERSAL SERIAL BUS MICROCONTROLLER
X930A INTEL-X930A Datasheet
283Kb / 38P
UNIVERSAL SERIAL BUS MICROCONTROLLER
logo
Cypress Semiconductor
CY7C63000 CYPRESS-CY7C63000 Datasheet
358Kb / 27P
Universal Serial Bus Microcontroller
logo
List of Unclassifed Man...
WT6132 ETC-WT6132 Datasheet
377Kb / 39P
microcontroller for digital controlled monitor
logo
Cypress Semiconductor
CY7C63101A CYPRESS-CY7C63101A Datasheet
293Kb / 31P
Universal Serial Bus Microcontroller
logo
ELAN Microelectronics C...
EM78611 EMC-EM78611 Datasheet
752Kb / 26P
Universal Serial Bus Microcontroller Series
EM78M612 EMC-EM78M612 Datasheet
1Mb / 38P
Universal Serial Bus Microcontroller Series
EM78612 EMC-EM78612 Datasheet
158Kb / 28P
Universal Serial Bus Microcontroller
logo
Cypress Semiconductor
CY7C63001A CYPRESS-CY7C63001A_04 Datasheet
496Kb / 25P
Universal Serial Bus Microcontroller
CY7C63001C CYPRESS-CY7C63001C Datasheet
1Mb / 28P
Universal Serial Bus Microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com