Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WT62P2 Datasheet (PDF) - Weltrend Semiconductor

WT62P2 Datasheet PDF - Weltrend Semiconductor
Part # WT62P2
Download  WT62P2 Download
File Size   48.35 Kbytes
Page   5 Pages
Manufacturer  WELTREND [Weltrend Semiconductor]
Direct Link  http://www.weltrend.com
Logo WELTREND - Weltrend Semiconductor
Description Digital Monitor Controller with USB Function Preliminary Data Sheet

WT62P2 Datasheet (PDF)

Go To PDF Page Download Datasheet
WT62P2 Datasheet PDF - Weltrend Semiconductor

Part # WT62P2
Download  WT62P2 Click to download

File Size   48.35 Kbytes
Page   5 Pages
Manufacturer  WELTREND [Weltrend Semiconductor]
Direct Link  http://www.weltrend.com
Logo WELTREND - Weltrend Semiconductor
Description Digital Monitor Controller with USB Function Preliminary Data Sheet

WT62P2 Datasheet (HTML) - Weltrend Semiconductor


WT62P2 Product details

GENERAL DESCRIPTION

The WT62P2 is a microcontroller for digital controlled monitor with Universal Serial Bus (USB) interface. It contains an 8-bit CPU, 60K bytes Flash memory, 1024 bytes RAM, 256 bits bit-addressable RAM, 14 PWMs, parallel I/Os, SYNC signal processor, timer, DDC1/2B interface, master/slave I 2C interface, low speed USB device module, 6-bit A/D converter and watch-dog timer.



FEATURES

· 8-bit 6502 compatible CPU with 6MHz operating frequency

· 60K bytes flash memory, 1024 bytes SRAM, 256 bits bit-addressable SRAM

· 12MHz crystal oscillator

· 14 channels 8-bit PWM outputs

· Sync signal processor with H+V separation, H/V frequency counter, H/V polarity detection/control and clamp pulse output

· Six free-running sync signal outputs (Horizontal frequency up to 106KHz 85Hz@1600x1200)

· Self-test pattern

· DDC1/2B module for EDID1.3, EDID2.0 and Enhance EDID

· Fast mode master/slave I2C interface (up to 400KHz)

· Embedded USB function with endpoint 0 and endpoint 1

· Built-in 3.3V regulator for USB transceiver

· Watch-dog timer

· Maximum 28 programmable I/O pins

· One 8-bit programmable timer

· 6-bit A/D converter with 4 selectable inputs

· One external interrupt request input

· Low VDD reset



 




Similar Part No. - WT62P2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WT62P1 ETC-WT62P1 Datasheet
416Kb / 48P
microcontroller for digital controlled monitor with Universal Serial Bus (USB) interface
WT62P1-K42 ETC-WT62P1-K42 Datasheet
416Kb / 48P
microcontroller for digital controlled monitor with Universal Serial Bus (USB) interface
WT62P1-N28 ETC-WT62P1-N28 Datasheet
416Kb / 48P
microcontroller for digital controlled monitor with Universal Serial Bus (USB) interface
WT62P1-N40 ETC-WT62P1-N40 Datasheet
416Kb / 48P
microcontroller for digital controlled monitor with Universal Serial Bus (USB) interface
WT62P1-N42 ETC-WT62P1-N42 Datasheet
416Kb / 48P
microcontroller for digital controlled monitor with Universal Serial Bus (USB) interface
More results


Similar Description - WT62P2

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM8610 PMC-PM8610 Datasheet
1Mb / 338P
SBS Telecom Standard Product Data Sheet Preliminary
logo
Hynix Semiconductor
HMS9XC7132 HYNIX-HMS9XC7132 Datasheet
264Kb / 34P
DATA SHEET REV.2.0(PRELIMINARY)
logo
Weltrend Semiconductor
WT6014 WELTREND-WT6014 Datasheet
436Kb / 19P
Digital Monitor Controller
logo
List of Unclassifed Man...
WT6016 ETC-WT6016 Datasheet
567Kb / 24P
Digital Monitor Controller
WT60P1 ETC-WT60P1 Datasheet
567Kb / 24P
Digital Monitor Controller
WT6018 ETC-WT6018 Datasheet
527Kb / 23P
Digital Monitor Controller
logo
Infineon Technologies A...
BUP311D INFINEON-BUP311D Datasheet
71Kb / 9P
IGBT With Antiparallel Diode Preliminary data sheet
May-06-1999
logo
Cirrus Logic
CS44210 CIRRUS-CS44210 Datasheet
656Kb / 38P
DIGITAL PWM CONTROLLER WITH HEADPHONE MONITOR
logo
List of Unclassifed Man...
WT6248 ETC1-WT6248 Datasheet
43Kb / 4P
Digital Monitor Controller with USB Function
logo
EPCOS
B82462G4103M EPCOS-B82462G4103M Datasheet
45Kb / 3P
PRELIMINARY DATA SHEET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com