Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WT6132 Datasheet (PDF) - List of Unclassifed Manufacturers

WT6132 Datasheet PDF - List of Unclassifed Manufacturers
Part # WT6132
Download  WT6132 Download
File Size   377.18 Kbytes
Page   39 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description microcontroller for digital controlled monitor

WT6132 Datasheet (PDF)

Go To PDF Page Download Datasheet
WT6132 Datasheet PDF - List of Unclassifed Manufacturers

Part # WT6132
Download  WT6132 Click to download

File Size   377.18 Kbytes
Page   39 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description microcontroller for digital controlled monitor

WT6132 Datasheet (HTML) - List of Unclassifed Manufacturers


WT6132 Product details

[Weltrend Semiconductor, Inc.]

GENERAL DESCRIPTION
The WT6132/WT6124/WT6116 is a microcontroller for digital controlled monitor with Universal Serial Bus (USB) interface. It contains an 8-bit CPU, 32K/24K/16K bytes ROM, 512/384 bytes RAM, 14 PWMs, parallel I/Os, SYNC signal processor, timer, DDC1/2B interface, master/slave I2C interface, low speed USB device module, 6-bit A/D converter and watch-dog timer.

FEATURES
• 8-bit 6502 compatible CPU with 6MHz operating frequency
• WT6132 - 32768 bytes ROM, 512 bytes RAM
   WT6124 - 24576 bytes ROM, 512 bytes RAM
   WT6116 - 16384 bytes ROM, 384 bytes RAM
• 12MHz crystal oscillator
• 14 channels 8-bit PWM outputs
• Sync signal processor with H+V separation, H/V frequency counter, H/V polarity detection/control and clamp pulse output
• Six free-running sync signal outputs (Horizontal frequency up to 106KHz)
• Self-test pattern
• DDC1/2B supported
• Fast mode master/slave I2C interface (up to 400KHz)
• Watch-dog timer
• Maximum 28 programmable I/O pins
• One 8-bit programmable timer
• 6-bit A/D converter with 4 selectable inputs
• One external interrupt request input
• Low VDD reset




Similar Part No. - WT6132

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WT6148 ETC1-WT6148 Datasheet
44Kb / 5P
Digital Monitor Controller (ROM Type)
WT6148-K42 ETC1-WT6148-K42 Datasheet
44Kb / 5P
Digital Monitor Controller (ROM Type)
WT6148-L44 ETC1-WT6148-L44 Datasheet
44Kb / 5P
Digital Monitor Controller (ROM Type)
WT6148-N40 ETC1-WT6148-N40 Datasheet
44Kb / 5P
Digital Monitor Controller (ROM Type)
WT6148-N42 ETC1-WT6148-N42 Datasheet
44Kb / 5P
Digital Monitor Controller (ROM Type)
More results


Similar Description - WT6132

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCE84C886 PHILIPS-PCE84C886 Datasheet
322Kb / 56P
Microcontroller for monitor OSD and auto-sync applications
1996 Jan 08
logo
Winbond
W78C354 WINBOND-W78C354 Datasheet
426Kb / 44P
MONITOR MICROCONTROLLER
W78E354 WINBOND-W78E354 Datasheet
430Kb / 45P
MONITOR MICROCONTROLLER
W78E378 WINBOND-W78E378 Datasheet
396Kb / 38P
MONITOR MICROCONTROLLER
logo
List of Unclassifed Man...
NT6861 ETC-NT6861 Datasheet
455Kb / 44P
8-Bit Microcontroller for Monitor
NT6862 ETC-NT6862 Datasheet
580Kb / 57P
8-Bit Microcontroller for Monitor
WT62P1 ETC-WT62P1 Datasheet
416Kb / 48P
microcontroller for digital controlled monitor with Universal Serial Bus (USB) interface
NT91315XL ETC-NT91315XL Datasheet
994Kb / 22P
Microcontroller for Monitor
logo
NXP Semiconductors
PCE84C882 PHILIPS-PCE84C882 Datasheet
266Kb / 60P
Microcontroller for monitor OSD and auto-sync applications
1996 Jan 08
logo
Contec Co., Ltd
CM-32L CONTEC-CM-32L Datasheet
685Kb / 3P
Signal monitor Accessory for Digital I/O
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com