Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD15700 Datasheet (PDF) - Analog Devices

AD15700 Datasheet PDF - Analog Devices
Part # AD15700
Download  AD15700 Download
File Size   1100.47 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 MSPS 16-/14-Bit Analog I/O Port

AD15700 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD15700 Datasheet PDF - Analog Devices

Part # AD15700
Download  AD15700 Click to download

File Size   1100.47 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 MSPS 16-/14-Bit Analog I/O Port

AD15700 Datasheet (HTML) - Analog Devices


AD15700 Product details

GENERAL DESCRIPTION

The AD15700 is a precision component to interface analog input and output channels to a digital processor. It is ideal for area limited applications that require maximum circuit density. The AD15700 contains the functionality of a 16-bit, 1 MSPS charge redistribution SAR analog-to-digital converter that operates from a 5 V power supply. The high speed 16-bit sampling ADC incorporates a resistor input scaler that allows various input ranges, an internal conversion clock, error correction circuits, and both serial and parallel system interface ports. The AD15700 also contains a 14-bit, serial input, voltage output DAC that operates from a 5 V supply and has a settling time of 1 ms.



FEATURES

16-Bit A/D Converter

   1 MSPS

   S/(N + D): 90 dB Typ @ 250 kHz

   No Pipeline Delay

14-Bit D/A Converter

   Settling Time: 1 s

   S/N: 92 dB Typ

2 80 MHz Amplifiers

   30 V/s Slew Rate

   Rail-to-Rail Input and Output

   Output Current 15 mA

2 Gain Setting Center Tapped Resistors

    Resistor Ratio Tracking: 2 ppm/C

Unipolar Operation

SPI®/QSPI™/MICROWIRE™/DSP Compatible

132 mW Typical Power Dissipation



APPLICATIONS

Optical MEMS Mirror Control

Industrial Process Control

Data Acquisition

Instrumentation

Communication




Similar Part No. - AD15700

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
AD1575S20KCA VANLONG-AD1575S20KCA Datasheet
48Kb / 1P
Small and light size
More results


Similar Description - AD15700

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66008P MITSUBISHI-M66008P Datasheet
107Kb / 5P
16-BIT I/O EXPANDER
logo
Analog Devices
AD7769 AD-AD7769 Datasheet
265Kb / 16P
LC2MOS Analog I/O Port
REV.A
AD7869 AD-AD7869 Datasheet
297Kb / 16P
LC2MOS Complete, 14-Bit Analog I/O System
REV.A
logo
Renesas Technology Corp
M66008P RENESAS-M66008P Datasheet
1Mb / 7P
16-BIT I/O EXPANDER
logo
Analog Devices
AD5590 AD-AD5590 Datasheet
1Mb / 44P
16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
REV. 0
AD7774 AD-AD7774_15 Datasheet
1Mb / 16P
LC MOS ANALOG I/O PORT
REV. A
AD7769 AD-AD7769_15 Datasheet
267Kb / 16P
Analog I/O Port
REV. A
AD7869 AD-AD7869_15 Datasheet
224Kb / 16P
LC MOS Complete, 14-Bit Analog I/O System
REV. B
AD5590 AD-AD5590_17 Datasheet
1Mb / 45P
16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
7/11-Rev. 0 to Rev. A
logo
Contec Co., Ltd
AIO-163202FX-USB CONTEC-AIO-163202FX-USB Datasheet
791Kb / 7P
500KSPS 16-bit Analog I/O Unit for USB
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com