Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD15700 Datasheet(PDF) 1 Page - Analog Devices

Part # AD15700
Description  1 MSPS 16-/14-Bit Analog I/O Port
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD15700 Datasheet(HTML) 1 Page - Analog Devices

  AD15700 Datasheet HTML 1Page - Analog Devices AD15700 Datasheet HTML 2Page - Analog Devices AD15700 Datasheet HTML 3Page - Analog Devices AD15700 Datasheet HTML 4Page - Analog Devices AD15700 Datasheet HTML 5Page - Analog Devices AD15700 Datasheet HTML 6Page - Analog Devices AD15700 Datasheet HTML 7Page - Analog Devices AD15700 Datasheet HTML 8Page - Analog Devices AD15700 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
AD15700
1 MSPS 16-/14-Bit
Analog I/O Port
FEATURES
16-Bit A/D Converter
1 MSPS
S/(N + D): 90 dB Typ @ 250 kHz
No Pipeline Delay
14-Bit D/A Converter
Settling Time: 1
s
S/N: 92 dB Typ
2 80 MHz Amplifiers
30 V/ s Slew Rate
Rail-to-Rail Input and Output
Output Current 15 mA
2 Gain Setting Center Tapped Resistors
Resistor Ratio Tracking: 2 ppm/ C
Unipolar Operation
SPI®/QSPI™/MICROWIRE™/DSP Compatible
132 mW Typical Power Dissipation
APPLICATIONS
Optical MEMS Mirror Control
Industrial Process Control
Data Acquisition
Instrumentation
Communication
PRODUCT HIGHLIGHTS
1. Fast Throughput ADC.
The AD15700 incorporates a high speed, 1 MSPS, 16-bit
SAR ADC.
2. Superior ADC INL.
The 16-bit ADC has a maximum integral nonlineariy of
2.5 LSB with no missing codes.
3. Two Precision Resistor Networks with 2 ppm/
∞C Ratio
Tracking for Gain Setting.
4. Low Power Consumption.
Typically 132 mW at maximum performance levels.
5. Industrial Temperature Range: –40
∞C to +85∞C.
GENERAL DESCRIPTION
The AD15700 is a precision component to interface analog input
and output channels to a digital processor. It is ideal for area-
limited applications that require maximum circuit density. The
AD15700 contains the functionality of a 16-bit, 1 MSPS charge
redistribution SAR analog-to-digital converter that operates from
a 5 V power supply. The high speed 16-bit sampling ADC incor-
porates a resistor input scaler that allows various input ranges, an
internal conversion clock, error correction circuits, and both serial
and parallel system interface ports. The AD15700 also contains a
14-bit, serial input, voltage output DAC that operates from a 5 V
supply and has a settling time of 1
ms. Two single- or split-supply
voltage feedback amplifiers with rail-to-rail input and output
characteristics featuring 80 MHz of small signal bandwidth and
10
mV/∞C offset drift provide ADC and DAC buffering capability.
The center tapped 3 k
W resistors are precision resistor networks
with 2 ppm/
∞C ratio tracking that provide low gain drift when
used for scaling.
The ADC, DAC, and amp functions are electrically isolated from
each other to provide maximum design flexibility. Input and
output signal conditioning circuits for the converters can be easily
configured with short interconnects under the device at the board
level. The AD15700 is available in a 10 mm CSPBGA package.
FUNCTIONAL BLOCK DIAGRAM
SERIAL
PORT
PARALLEL
INTERFACE
16
R
2R
4R
4R
SAR ADC
CONTROL LOGIC AND
CALIBRATION CIRCUITRY
CLOCK
SWITCHED
CAP DAC
OVDD
OGND
SER/
PAR
BUSY
D[15:0]
CS_ADC
RD
OB/
2C
BYTESWAP
WARP
IMPULSE
CNVST
AVDD
AGND_ADC
REF
REFGND
DVDD
DGND
ADC
IND(4R)
INC(4R)
INB(2R)
INA(R)
INGND
PD
RESET
SERIAL INPUT REGISTER
14-BIT DATA LATCH
CONTROL
LOGIC
14-BIT DAC
VDD_DAC
DGND_DAC
CS_DAC
DIN
SCLK
VREF
VOUT_DAC
AGND_DAC
–VS2
+VS2
–VS1
+VS1
AD15700
RA1
RB1
RC1
RB2 RC2
RA2
+IN2
–IN2
VOUT2
–IN1
+IN1
VOUT1
RPAD2
RPAD1
COMMON
1.5k
1.5k
1.5k
1.5k


Similar Part No. - AD15700

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
AD1575S20KCA VANLONG-AD1575S20KCA Datasheet
48Kb / 1P
Small and light size
More results

Similar Description - AD15700

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66008P MITSUBISHI-M66008P Datasheet
107Kb / 5P
16-BIT I/O EXPANDER
logo
Analog Devices
AD7769 AD-AD7769 Datasheet
265Kb / 16P
LC2MOS Analog I/O Port
REV.A
AD7869 AD-AD7869 Datasheet
297Kb / 16P
LC2MOS Complete, 14-Bit Analog I/O System
REV.A
logo
Renesas Technology Corp
M66008P RENESAS-M66008P Datasheet
1Mb / 7P
16-BIT I/O EXPANDER
logo
Analog Devices
AD5590 AD-AD5590 Datasheet
1Mb / 44P
16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
REV. 0
AD7774 AD-AD7774_15 Datasheet
1Mb / 16P
LC MOS ANALOG I/O PORT
REV. A
AD7769 AD-AD7769_15 Datasheet
267Kb / 16P
Analog I/O Port
REV. A
AD7869 AD-AD7869_15 Datasheet
224Kb / 16P
LC MOS Complete, 14-Bit Analog I/O System
REV. B
AD5590 AD-AD5590_17 Datasheet
1Mb / 45P
16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
7/11-Rev. 0 to Rev. A
logo
Contec Co., Ltd
AIO-163202FX-USB CONTEC-AIO-163202FX-USB Datasheet
791Kb / 7P
500KSPS 16-bit Analog I/O Unit for USB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com