Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD15700 Datasheet(PDF) 21 Page - Analog Devices

Part # AD15700
Description  1 MSPS 16-/14-Bit Analog I/O Port
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD15700 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD15700 Datasheet HTML 17Page - Analog Devices AD15700 Datasheet HTML 18Page - Analog Devices AD15700 Datasheet HTML 19Page - Analog Devices AD15700 Datasheet HTML 20Page - Analog Devices AD15700 Datasheet HTML 21Page - Analog Devices AD15700 Datasheet HTML 22Page - Analog Devices AD15700 Datasheet HTML 23Page - Analog Devices AD15700 Datasheet HTML 24Page - Analog Devices AD15700 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
REV. A
AD15700
–21–
AMPLIFIER
RLOAD –
0
–0.5
–2.5
–1.0
–1.5
100
1k
10k
–2.0
VCC = 2.7V
VCC = 5V
VCC = 10V
VCC
VIN
VCC
2
VEE
RLOAD
VOUT
TPC 34. +Output Saturation Voltage vs. RLOAD @ 85
∞C
RLOAD –
0
–0.5
–2.5
–1.0
–1.5
100
1k
10k
–2.0
VCC
VIN
VCC
2
VEE
RLOAD
VCC = 2.7V
VCC = 5V
VCC = 10V
VOUT
TPC 35. +Output Saturation Voltage vs. RLOAD @ 25
∞C
RLOAD –
0
–0.5
–2.5
–1.0
–1.5
100
1k
10k
–2.0
VCC
VIN
VCC
2
VEE
RLOAD
VCC = 2.7V
VCC = 5V
VCC = 10V
VOUT
TPC. 36 +Output Saturation Voltage vs. RLOAD @ –40
∞C
RLOAD –
1.2
1.0
0
0.8
0.6
100
1k
10k
0.4
VCC
VIN
VCC
2
VEE
RLOAD
VCC = 2.7V
VCC = 5V
VCC = 10V
VOUT
0.2
TPC 37. –Output Saturation Voltage vs. RLOAD @ 85
∞C
RLOAD –
1.2
1.0
0
0.8
0.6
100
1k
10k
0.4
VCC
VIN
VCC
2
VEE
RLOAD
VCC = 2.7V
VCC = 5V
VCC = 10V
VOUT
0.2
TPC 38. –Output Saturation Voltage vs. RLOAD @ 25
∞C
RLOAD –
1.2
1.0
0
0.8
0.6
100
1k
10k
0.4
VCC
VIN
VCC
2
VEE
RLOAD
VCC = 2.7V
VCC = 5V
VCC = 10V
VOUT
0.2
TPC. 39 –Output Saturation Voltage vs. RLOAD @ –40
∞C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com