Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7758 Datasheet (PDF) - Analog Devices

ADE7758 Datasheet PDF - Analog Devices
Part # ADE7758
Download  ADE7758 Download
File Size   1584.56 Kbytes
Page   68 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Poly Phase Multifunction Energy Metering IC with Per Phase Information

ADE7758 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADE7758 Datasheet PDF - Analog Devices

Part # ADE7758
Download  ADE7758 Click to download

File Size   1584.56 Kbytes
Page   68 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Poly Phase Multifunction Energy Metering IC with Per Phase Information

ADE7758 Datasheet (HTML) - Analog Devices


ADE7758 Product details

GENERAL DESCRIPTION
The ADE7758 is a high accuracy, 3-phase electrical energy measurement IC with a serial interface and two pulse outputs. The ADE7758 incorporates second-order Σ-Δ ADCs, a digital integrator, reference circuitry, a temperature sensor, and all the signal processing required to perform active, reactive, and apparent energy measurement and rms calculations.
The ADE7758 is suitable to measure active, reactive, and apparent energy in various 3-phase configurations, such as WYE or DELTA services, with both three and four wires. The ADE7758 provides system calibration features for each phase, that is, rms offset correction, phase calibration, and power calibration. The APCF logic output gives active power information, and the VARCF logic output provides instantaneous reactive or apparent power information.

FEATURES
  Highly accurate; supports IEC 60687, IEC 61036, IEC 61268, IEC 62053-21, IEC 62053-22, and IEC 62053-23
  Compatible with 3-phase/3-wire, 3-phase/4-wire, and other 3-phase services
  Less than 0.1% active energy error over a dynamic range of 1000 to 1 at 25°C
  Supplies active/reactive/apparent energy, voltage rms, current rms, and sampled waveform data
  Two pulse outputs, one for active power and the other selectable between reactive and apparent power with programmable frequency
  Digital power, phase, and rms offset calibration
  On-chip, user-programmable thresholds for line voltage SAG and overvoltage detections
  An on-chip, digital integrator enables direct interface-to current sensors with di/dt output
  A PGA in the current channel allows direct interface to current transformers
  An SPI®-compatible serial interface with IRQ
  Proprietary ADCs and DSP provide high accuracy over large variations in environmental conditions and time
  Reference 2.4 V (drift 30 ppm/°C typical) with external overdrive capability
  Single 5 V supply, low power (70 mW typical)




Similar Part No. - ADE7758

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7758 AD-ADE7758_15 Datasheet
979Kb / 72P
Poly Phase Multifunction Energy Metering IC with Per Phase Information
Rev. E
More results


Similar Description - ADE7758

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7754 AD-ADE7754 Datasheet
630Kb / 44P
Poly-phase Multi-Function Energy Metering IC with Serial Port
ADE7858 AD-ADE7858 Datasheet
1Mb / 76P
Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
Rev. PrA
ADE7878 AD-ADE7878 Datasheet
1Mb / 92P
Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
REV. 0
logo
Integrated Device Techn...
90E32 IDT-90E32 Datasheet
877Kb / 71P
Poly-Phase High-Performance Wide-Span Energy Metering IC
90E36 IDT-90E36 Datasheet
1,005Kb / 79P
Poly-Phase High-Performance Wide-Span Energy Metering IC
logo
Analog Devices
ADE7758 AD-ADE7758_15 Datasheet
979Kb / 72P
Poly Phase Multifunction Energy Metering IC with Per Phase Information
Rev. E
logo
Sames
SA9903B SAMES-SA9903B_17 Datasheet
530Kb / 17P
Single Phase Multifunction Energy Metering IC
SA9904B SAMES-SA9904B_17 Datasheet
552Kb / 18P
Three Phase Multifunction Energy Metering IC
logo
ATMEL Corporation
M90E36A ATMEL-M90E36A Datasheet
998Kb / 87P
Enhanced Poly-Phase High-Performance Wide-Span Energy Metering IC
ATM90E32AS ATMEL-ATM90E32AS Datasheet
789Kb / 84P
Enhanced Poly-Phase High-Performance Wide-Span Energy Metering IC
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com