Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7758 Datasheet(PDF) 4 Page - Analog Devices

Part # ADE7758
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758 Datasheet(HTML) 4 Page - Analog Devices

  ADE7758 Datasheet HTML 1Page - Analog Devices ADE7758 Datasheet HTML 2Page - Analog Devices ADE7758 Datasheet HTML 3Page - Analog Devices ADE7758 Datasheet HTML 4Page - Analog Devices ADE7758 Datasheet HTML 5Page - Analog Devices ADE7758 Datasheet HTML 6Page - Analog Devices ADE7758 Datasheet HTML 7Page - Analog Devices ADE7758 Datasheet HTML 8Page - Analog Devices ADE7758 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
ADE7758
Rev. A | Page 4 of 68
GENERAL DESCRIPTION
(Continued from Page 1)
The ADE7758 has a waveform sample register that allows access
to the ADC outputs. The part also incorporates a detection circuit
for short duration low or high voltage variations. The voltage
threshold levels and the duration (number of half-line cycles) of
the variation are user programmable. A zero-crossing detection
is synchronized with the zero-crossing point of the line voltage
of any of the three phases. This information can be used to
measure the period of any one of the three voltage inputs. It is
also used internally to the chip in the line cycle energy accu-
mulation mode. This mode permits faster and more accurate
calibration by synchronizing the energy accumulation with an
integer number of line cycles.
Data is read from the ADE7758 via the SPI serial interface. The
interrupt request output (IRQ) is an open-drain, active low
logic output. The IRQ output goes active low when one or more
interrupt events have occurred in the ADE7758. A status register
indicates the nature of the interrupt. The ADE7758 is available
in a 24-lead SOIC package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com