Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7758 Datasheet(PDF) 53 Page - Analog Devices

Part # ADE7758
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758 Datasheet(HTML) 53 Page - Analog Devices

Back Button ADE7758 Datasheet HTML 49Page - Analog Devices ADE7758 Datasheet HTML 50Page - Analog Devices ADE7758 Datasheet HTML 51Page - Analog Devices ADE7758 Datasheet HTML 52Page - Analog Devices ADE7758 Datasheet HTML 53Page - Analog Devices ADE7758 Datasheet HTML 54Page - Analog Devices ADE7758 Datasheet HTML 55Page - Analog Devices ADE7758 Datasheet HTML 56Page - Analog Devices ADE7758 Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 68 page
background image
ADE7758
Rev. A | Page 53 of 68
STEP 1
SET
CONFIGURATION
REGISTERS FOR
ZERO CROSSING
ON ALL PHASES
STEP 2
SET INTERRUPT
MASK FOR
ZERO CROSSING
ON ALL PHASES
STEP 3
STEP 4
READ RMS
REGISTERS
STEP 5
WRITE TO
XVRMSOS
XIRMSOS
SET UP
SYSTEM FOR
ITEST, VNOM
SET UP
SYSTEM FOR
IMAX/500, VNOM
SET UP SYSTEM
FOR ITEST,
VNOM/20
START
TESTED
ALL
PHASES?
YES
NO
TESTED
ALL
CONDITIONS?
2
3
1
STEP 4A
CHOOSE N
n = 0
STEP 4D
READ
XIRMS
XVRMS
STEP 4E
CALCULATE THE
AVERAGE OF N
SAMPLES
STEP 4B
RESET INTERRUPT
STATUS REGISTER
END
n = n + 1
n = N?
NO
YES
YES
NO
STEP 4C
INTERRUPT?
Figure 84. RMS Calibration Routine
Step 1: Set configuration registers for zero crossings on all
phases by writing the value 0x38 to the LCYCMODE register
(0x17). This sets all of the ZXSEL bits to Logic 1.
Step 2: Set the interrupt mask register for zero-crossing
detection on all phases by writing 0xE00 to the MASK[0:24]
register (0x18). This sets all of the ZX bits to Logic 1.
Step 3: Set up the calibration system for one of the three test
conditions: ITEST and VNOM, IMAX/500 and VNOM, ITEST and VNOM/20.
Step 4: Read the rms registers after the zero-crossing interrupt
and take an average of N samples. This is recommended to get
the most stable rms readings. This procedure is detailed in
Figure 84—Steps 4a through 4e.
Step 4a. Choose the number of samples, N, to be averaged.
Step 4b. Reset the interrupt status register by reading RSTATUS
(0x1A).
Step 4c. Wait for the zero-crossing interrupt. When the zero-
crossing interrupt occurs, move to Step 4d.
Step 4d. Read the xIRMS (0x0A) and xVRMS (0x0C) registers.
These values will be averaged in Step 4e.
Step 4e: Average the N samples of xIRMS and xVRMS. The
averaged values will be used in Step 5.
Step 5: Write to the xVRMSOS (0x36 to 0x38) and xIRMSOS
(0x33 to 0x35) registers according to the following equations.
=
IRMSOS
(
)(
)
2
2
2
2
2
2
–
–
384
,
16
1
TEST
MAX/X
RMS
TEST
MAX/X
RMS
MAX/X
TEST
I
I
I
I
I
I
−
−
×
×
×
−
(56)
where ITEST-RMS and IMAX/X-RMS are the rms register values without
the offset correction for the input ITEST and IMAX/X, respectively.
NOM
NOM/20
RMS
NOM
NOM/20
RMS
NOM/20
NOM
V
V
V
V
V
V
VRMSOS
–
–
64
1
−
−
×
×
×
=
(57)
where VNOM-RMS and VNOM/20-RMS are the rms register values
without the offset correction for the input VNOM and VNOM/20-RMS,
respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com