Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7758 Datasheet(PDF) 63 Page - Analog Devices

Part # ADE7758
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758 Datasheet(HTML) 63 Page - Analog Devices

Back Button ADE7758 Datasheet HTML 59Page - Analog Devices ADE7758 Datasheet HTML 60Page - Analog Devices ADE7758 Datasheet HTML 61Page - Analog Devices ADE7758 Datasheet HTML 62Page - Analog Devices ADE7758 Datasheet HTML 63Page - Analog Devices ADE7758 Datasheet HTML 64Page - Analog Devices ADE7758 Datasheet HTML 65Page - Analog Devices ADE7758 Datasheet HTML 66Page - Analog Devices ADE7758 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 68 page
background image
ADE7758
Rev. A | Page 63 of 68
COMPUTATIONAL MODE REGISTER (0x16)
The computational method of the ADE7758 is defined by writing to the COMPMODE register. Table 17 summarizes the functionality of
each bit in the COMPMODE register.
Table 17. COMPMODE Register
Bit
Location
Bit
Mnemonic
Default
Value
Description
0 to 1
CONSEL
0
These bits are used to select the input to the energy accumulation registers.
Registers
CONSEL[1, 0] = 00
CONSEL[1, 0] = 01
CONSEL[1, 0] = 10
AWATTHR
VA × IA
VA × (IA – IB)
VA × (IA–IB)
BWATTHR
VB × IB
0
0
CWATTHR
VC × IC
VC × (IC – IB)
VC × IC
AVARHR
VA × IA
VA × (IA – IB)
VA × (IA–IB)
BVARHR
VB × IB
0
0
CVARHR
VC × IC
VC × (IC – IB)
VC × IC
AVAHR
VARMS × IARMS
VARMS × IARMS
VARMS × ARMS
BVAHR
VBRMS × IBRMS
(VARMS + VCRMS)/2 × IBRMS
VARMS × IBRMS
CVAHR
VCRMS × ICRMS
VCRMS × ICRMS
VCRMS × ICRMS
CONSEL[1, 1] is reserved.
Note: IA, IB, and IC are IA, IB, and IC phase shifted by –90°, respectively.
2 to 4
TERMSEL
7
These bits are used to select the phases to be included in the APCF and VARCF pulse outputs.
Setting Bit 2 enables Phase A (the inputs to AWATTHR and AVARHR registers) to be included. Bit 3
and Bit 4 are for Phase B and Phase C, respectively. Setting all three bits enables the sum of all three
phases to be included in the frequency outputs (see the Active Power Frequency Output and the
Reactive Power Frequency Output sections).
5
ABS
0
Setting this bit places the APCF output pin in absolute only mode. Namely, the APCF output
frequency is proportional to the sum of the absolute values of the watt-hour accumulation registers
(AWATTHR, BWATTHR, and CWATTHR). Note that this bit only affects the APCF pin and has no effect
on the content of the corresponding registers.
6
SAVAR
0
Setting this bit places the VARCF output pin in the signed adjusted mode. Namely, the VARCF
output frequency are proportional to the sign-adjusted sum of the VAR-hour accumulation registers
(AVARHR, BVARHR, and CVARHR). The sign of the VAR is determined from the sign of the watt
calculation from the corresponding phase, i.e., the sign of the VAR is flipped if the sign of the watt is
negative, and if the watt is positive, there is no change to the sign of the VAR. Note that this bit only
affects the VARCF pin and has no effect on the content of the corresponding registers.
7
NOLOAD
0
Setting this bit activates the no-load threshold in the ADE7758.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com