Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7758 Datasheet(PDF) 26 Page - Analog Devices

Part # ADE7758
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADE7758 Datasheet HTML 22Page - Analog Devices ADE7758 Datasheet HTML 23Page - Analog Devices ADE7758 Datasheet HTML 24Page - Analog Devices ADE7758 Datasheet HTML 25Page - Analog Devices ADE7758 Datasheet HTML 26Page - Analog Devices ADE7758 Datasheet HTML 27Page - Analog Devices ADE7758 Datasheet HTML 28Page - Analog Devices ADE7758 Datasheet HTML 29Page - Analog Devices ADE7758 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 68 page
background image
ADE7758
Rev. A | Page 26 of 68
PERIOD MEASUREMENT
The ADE7758 provides the period or frequency measurement
of the line voltage. The period is measured on the phase
specified by Bit 0 to Bit 1 of the MMODE register. The period
register is an unsigned 12-bit FREQ register and is updated
every 4 periods of the selected phase.
Bit 7 of the LCYCMODE selects whether the period register
displays the frequency or the period. Setting this bit to logic
high causes the register to display the period. The default
setting is logic low, which causes the register to display the
frequency.
When set to measure the period, the resolution of this register is
96/CLKIN per LSB (9.6 µs/LSB when CLKIN is 10 MHz),
which represents 0.06% when the line frequency is 60 Hz. At 60
Hz, the value of the period register is 1737d. At 50 Hz, the value
of the period register is 2084d. When set to measure frequency,
the value of the period register is approximately 960d at 60 Hz
and 800d at 50 Hz. This is equivalent to 0.0625 Hz/LSB.
LINE VOLTAGE SAG DETECTION
The ADE7758 can be programmed to detect when the absolute
value of the line voltage of any phase drops below a certain peak
value, for a number of half cycles. Each phase of the voltage
channel is controlled simultaneously. This condition is
illustrated in Figure 57.
SAGLVL[7:0]
FULL-SCALE
READ RSTATUS
REGISTER
SAGCYC[7:0] = 0x06
6HALF CYCLES
SAG INTERRUPT FLAG
(BIT 3 TO BIT 5 OF
STATUS REGISTER)
VAP, VBP, OR VCP
SAG EVENT RESET LOW
WHEN VOLTAGE CHANNEL
EXCEEDS SAGLVL[7:0]
Figure 57. ADE7758 SAG Detection
Figure 57 shows a line voltage fall below a threshold which is set
in the SAG level register (SAGLVL[7:0]) for nine half cycles.
Since the SAG cycle register indicates a six half-cycle threshold
(SAGCYC[7:0] = 0x06), the SAG event is recorded at the end of
the sixth half cycle by setting the SAG flag of the corresponding
phase in the interrupt status register (Bit 1 to Bit 3 in the
interrupt status register). If the SAG enable bit is set to Logic 1
for this phase (Bit 1 to Bit 3 in the interrupt mask register), the
IRQ logic output goes active low (see the ADE7758 Interrupts
section). The phases are compared to the same parameters
defined in the SAGLVL and SAGCYC registers.
SAG LEVEL SET
The contents of the single-byte SAG level register, SAGLVL[0:7],
are compared to the absolute value of Bit 6 to Bit 13 from the
voltage waveform samples. For example, the nominal maximum
code of the voltage channel waveform samples with a full-scale
signal input at 60 Hz is 0x249C (see the Voltage Channel
Sampling section). Bit 13 to Bit 6 are 0x92. Therefore, writing
0x92 to the SAG level register puts the SAG detection level at
full scale and sets the SAG detection to its most sensitive value.
The detection is made when the content of the SAGLVL[7:0]
register is greater than the incoming sample. Writing 0x00 puts
the SAG detection level at 0. The detection of a decrease of an
input voltage is in this case disabled.
PEAK VOLTAGE DETECTION
The ADE7758 can record the peak of the voltage waveform and
produce an interrupt if the current exceeds a preset limit.
Peak Voltage Detection Using the VPEAK Register
The peak absolute value of the voltage waveform within a fixed
number of half-line cycles is stored in the VPEAK register.
Figure 58 illustrates the timing behavior of the peak voltage
detection.
L2
L1
CONTENT OF
VPEAK[7:0]
00
L1
L2
L1
NO. OF HALF
LINE CYCLES
SPECIFIED BY
LINECYC[15:0]
REGISTER
VOLTAGE WAVEFORM
(PHASE SELECTED BY
PEAKSEL[2:4]
IN MMODE REGISTER)
Figure 58. Peak Voltage Detection Using the VPEAK Register
Note that the content of the VPEAK register is equivalent to Bit 6
to Bit 13 of the 16-bit voltage waveform sample. At full-scale
analog input, the voltage waveform sample at 60 Hz is 0x249C.
The VPEAK at full-scale input is, therefore, expected to be 0x92.
In addition, multiple phases can be activated for the peak
detection simultaneously by setting multiple bits to logic high
among the PEAKSEL[2:4] bits in the MMODE register. These
bits select the phase for both voltage and current peak measure-
ments. Note that if more than one bit is set, the VPEAK and
IPEAK registers can hold values from two different phases, i.e.,
the voltage and current peak are independently processed (see
the Peak Current Detection section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com