Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7758 Datasheet(PDF) 10 Page - Analog Devices

Part # ADE7758
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADE7758 Datasheet HTML 6Page - Analog Devices ADE7758 Datasheet HTML 7Page - Analog Devices ADE7758 Datasheet HTML 8Page - Analog Devices ADE7758 Datasheet HTML 9Page - Analog Devices ADE7758 Datasheet HTML 10Page - Analog Devices ADE7758 Datasheet HTML 11Page - Analog Devices ADE7758 Datasheet HTML 12Page - Analog Devices ADE7758 Datasheet HTML 13Page - Analog Devices ADE7758 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
ADE7758
Rev. A | Page 10 of 68
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
ADE7758
TOP VIEW
(Not to Scale)
APCF
1
DOUT
24
DGND
2
SCLK
23
DVDD
3
DIN
22
AVDD
4
CS
21
IAP
5
CLKOUT
20
IAN
6
CLKIN
19
IBP
7
IRQ
18
IBN
8
VARCF
17
ICP
9
VAP
16
ICN 10
VBP
15
AGND 11
VCP
14
REFIN/OUT 12
VN
13
Figure 5. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
APCF
Active Power Calibration Frequency (APCF) Logic Output. It provides active power information. This output is
used for operational and calibration purposes. The full-scale output frequency can be scaled by writing to the
APCFNUM and APCFDEN registers (see the Active Power Frequency Output section).
2
DGND
This provides the ground reference for the digital circuitry in the ADE7758, i.e., the multiplier, filters, and
digital-to-frequency converter. Because the digital return currents in the ADE7758 are small, it is acceptable to
connect this pin to the analog ground plane of the whole system. However, high bus capacitance on the
DOUT pin may result in noisy digital current which could affect performance.
3
DVDD
Digital Power Supply. This pin provides the supply voltage for the digital circuitry in the ADE7758. The supply
voltage should be maintained at 5 V ± 5% for specified operation. This pin should be decoupled to DGND with
a 10 µF capacitor in parallel with a ceramic 100 nF capacitor.
4
AVDD
Analog Power Supply. This pin provides the supply voltage for the analog circuitry in the ADE7758. The supply
should be maintained at 5 V ± 5% for specified operation. Every effort should be made to minimize power
supply ripple and noise at this pin by the use of proper decoupling. The Typical Performance Characteristics
graphs show the power supply rejection performance. This pin should be decoupled to AGND with a 10 µF
capacitor in parallel with a ceramic 100 nF capacitor.
5, 6;
7, 8;
9, 10
IAP, IAN;
IBP, IBN;
ICP, ICN
Analog Inputs for Current Channel. This channel is used with the current transducer and is referenced in this
document as the current channel. These inputs are fully differential voltage inputs with maximum differential
input signal levels of ±0.5 V, ±0.25 V, and ±0.125 V, depending on the gain selections of the internal PGA (see
the Analog Inputs sections).
All inputs have internal ESD protection circuitry, and in addition, an overvoltage of ±6 V can be sustained on
these inputs without risk of permanent damage.
11
AGND
This pin provides the ground reference for the analog circuitry in the ADE7758, i.e., ADCs, temperature sensor,
and reference. This pin should be tied to the analog ground plane or the quietest ground reference in the
system. This quiet ground reference should be used for all analog circuitry, for example, antialiasing filters,
current, and voltage transducers. In order to keep ground noise around the ADE7758 to a minimum, the quiet
ground plane should only be connected to the digital ground plane at one point. It is acceptable to place the
entire device on the analog ground plane.
12
REFIN/OUT
This pin provides access to the on-chip voltage reference. The on-chip reference has a nominal value of
2.5 V ± 8% and a typical temperature coefficient of 30 ppm/°C. An external reference source may also be
connected at this pin. In either case, this pin should be decoupled to AGND with a 1 µF ceramic capacitor.
13, 14, 15,
16
VN, VCP,
VBP, VAP
Analog Inputs for the Voltage Channel. This channel is used with the voltage transducer and is referenced as
the voltage channels in this document. These inputs are single-ended voltage inputs with the maximum
signal level of ±0.5 V with respect to VN for specified operation. These inputs are voltage inputs with
maximum input signal levels of ±0.5 V, ±0.25 V, and ±0.125 V, depending on the gain selections of the internal
PGA (see the Analog Inputs section).
All inputs have internal ESD protection circuitry, and in addition, an overvoltage of ±6 V can be sustained on
these inputs without risk of permanent damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com