Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7758 Datasheet(PDF) 45 Page - Analog Devices

Part # ADE7758
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADE7758 Datasheet HTML 41Page - Analog Devices ADE7758 Datasheet HTML 42Page - Analog Devices ADE7758 Datasheet HTML 43Page - Analog Devices ADE7758 Datasheet HTML 44Page - Analog Devices ADE7758 Datasheet HTML 45Page - Analog Devices ADE7758 Datasheet HTML 46Page - Analog Devices ADE7758 Datasheet HTML 47Page - Analog Devices ADE7758 Datasheet HTML 48Page - Analog Devices ADE7758 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 68 page
background image
ADE7758
Rev. A | Page 45 of 68
The AWG value is calculated to be 84 d using Equation 33,
which means the value 0x3F should be written to AWG.
84
%
0244
.
0
%
04
.
2
–
=
=
xWG
Phase Calibration Using Pulse Output
The ADE7758 includes a phase calibration register on each
phase to compensate for small phase errors. Large phase errors
should be compensated by adjusting the antialiasing filters. The
ADE7758’s phase calibration is a time delay with different
weights in the positive and negative direction (see the Phase
Compensation section). Because a current transformer is a
source of phase error, a fixed nominal value may be decided on
to load into the xPHCAL registers at power-up. During
calibration, this value can be adjusted for CT-to-CT error.
Figure 78 shows the steps involved in calibrating the phase
using the pulse output.
START
ALL
PHASES
PHASE ERROR
CALIBRATED?
END
YES
NO
STEP 1
SET UP PULSE
OUTPUT FOR
PHASE A, B, OR C
AND ENABLE CF
OUTPUTS
STEP 2
SET UP SYSTEM
FOR ITEST, VNOM,
PF = 0.5
STEP 3
MEASURE %
ERROR IN APCF
STEP 4
CALCULATE PHASE
ERROR (DEGREES)
STEP 5
PERIOD OF
SYSTEM
KNOWN?
MEASURE
PERIOD USING
FREQ REGISTER
NO
YES
CALCULATE AND
WRITE TO
XPHCAL
Figure 78. Phase Calibration Using Pulse Output
Step 1: Step 1 and Step 3 from the gain calibration should be
repeated to configure the ADE7758 pulse output.
Step 2: Set the test system for ITEST, VNOM, and 0.5 power factor.
Step 3: Measure the percent error in the pulse output, APCF,
from the reference meter using Equation 31.
Step 4: Calculate the Phase Error in degrees using the following
equation:
()
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
=
°
3
sin
Arc
–
ERROR
CF
Error
Phase
(35)
Step 5: Calculate xPHCAL
()
()
°
×
°
×
=
Error
Phase
s
Period
μs
xPHCAL
1
360
4
.
2
–
(36)
If it is not known, the period is available in the ADE7758’s
frequency register, FREQ (0x10). Equation 37 shows how to
determine the value that needs to be written to xPHCAL using
the period register measurement. In Equation 37, the 2.4 µs is
for phase errors that are negative. For positive phase errors, the
2.4 µs is replaced by 4.8 µs (see the Phase Compensation
section).
[]
0
:
11
FREQ
s
s
Error
xPHCAL
°
×
µ
µ
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
=
360
4
.
2
6
.
9
3
sin
Arc
1
(37)
Example—Phase Calibration of Phase A Using Pulse Output
For this example, ITEST = 10 A, VNOM = 220 V, VFULLSCALE = 500 V,
IFULLSCALE = 130 A, MC = 3200 impulses/kWh, Power Factor = 0.5
inductive, and Frequency = 50 Hz.
With ITEST, VNOM, and 0.5 inductive power factor, the example
ADE7758 meter shows 0.9821Hz on the pulse output. This is
equivalent to 0.215% error from the reference meter value using
Equation 31.
The Phase Error in degrees using Equation 35 is −0.07°.
()
°
=
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
=
°
07
.
0
–
3
00215
.
0
sin
Arc
–
Error
Phase
If at 50 Hz the FREQ register = 2083d, the value that should be
written to APHCAL (0x15) is 0x15 using Equation 37.
21
66
.
20
2083
360
s
4
.
2
s
6
.
9
07
.
0
1
=
=
°
×
µ
µ
×
°
=
APHCAL
Power Offset Calibration Using Pulse Output
Power offset calibration should be used for outstanding
performance over a wide dynamic range (1,000:1). Calibration
of the power offset is done at or close to the minimum current
where the desired accuracy is required. The ADE7758 has
power offset registers for watts and VAR (xWATTOS and
xVAROS). Offsets in the VA measurement are compensated by
adjusting the rms offset registers (see the Calibration of IRMS
and VRMS Offset section). Figure 79 shows the steps to
calibrate the power offsets using the pulse outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com