Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7758 Datasheet(PDF) 21 Page - Analog Devices

Part # ADE7758
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADE7758 Datasheet HTML 17Page - Analog Devices ADE7758 Datasheet HTML 18Page - Analog Devices ADE7758 Datasheet HTML 19Page - Analog Devices ADE7758 Datasheet HTML 20Page - Analog Devices ADE7758 Datasheet HTML 21Page - Analog Devices ADE7758 Datasheet HTML 22Page - Analog Devices ADE7758 Datasheet HTML 23Page - Analog Devices ADE7758 Datasheet HTML 24Page - Analog Devices ADE7758 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
ADE7758
Rev. A | Page 21 of 68
di/dt CURRENT SENSOR AND DIGITAL
INTEGRATOR
The di/dt sensor detects changes in the magnetic field caused by
the ac current. Figure 42 shows the principle of a di/dt current
sensor.
MAGNETIC FIELD CREATED BY CURRENT
(DIRECTLY PROPORTIONAL TO CURRENT)
+ EMF (ELECTROMOTIVE FORCE)
– INDUCED BY CHANGES IN
MAGNETIC FLUX DENSITY (di/dt)
Figure 42. Principle of a di/dt Current Sensor
The flux density of a magnetic field induced by a current is
directly proportional to the magnitude of the current. The
changes in the magnetic flux density passing through a conductor
loop generate an electromotive force (EMF) between the two
ends of the loop. The EMF is a voltage signal that is proportional
to the di/dt of the current. The voltage output from the di/dt
current sensor is determined by the mutual inductance between
the current carrying conductor and the di/dt sensor.
The current signal needs to be recovered from the di/dt signal
before it can be used. An integrator is therefore necessary to
restore the signal to its original form. The ADE7758 has a built-
in digital integrator to recover the current signal from the di/dt
sensor. The digital integrator on Channel 1 is switched on by
default when the ADE7758 is powered up. Setting the MSB of
the GAIN[7:0] register turns on the integrator. Figure 43 to
Figure 46 show the magnitude and phase response of the digital
integrator.
10
100
1k
10k
20
–50
–40
–30
–20
–10
0
10
FREQUENCY (Hz)
Figure 43. Combined Gain Response of the
Digital Integrator and Phase Compensator
10
100
1k
10k
80
91
90
89
88
87
86
85
84
83
82
81
FREQUENCY (Hz)
Figure 44. Combined Phase Response of the
Digital Integrator and Phase Compensator
40
70
65
60
55
50
45
5
–1
0
1
2
3
4
FREQUENCY (Hz)
Figure 45. Combined Gain Response of the
Digital Integrator and Phase Compensator (40 Hz to 70 Hz)
40
70
65
60
55
50
45
89.80
90.10
90.05
90.00
89.95
89.90
89.85
FREQUENCY (Hz)
Figure 46. Combined Phase Response of the
Digital Integrator and Phase Compensator (40 Hz to 70 Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com