Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7758 Datasheet(PDF) 18 Page - Analog Devices

Part # ADE7758
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADE7758 Datasheet HTML 14Page - Analog Devices ADE7758 Datasheet HTML 15Page - Analog Devices ADE7758 Datasheet HTML 16Page - Analog Devices ADE7758 Datasheet HTML 17Page - Analog Devices ADE7758 Datasheet HTML 18Page - Analog Devices ADE7758 Datasheet HTML 19Page - Analog Devices ADE7758 Datasheet HTML 20Page - Analog Devices ADE7758 Datasheet HTML 21Page - Analog Devices ADE7758 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 68 page
background image
ADE7758
Rev. A | Page 18 of 68
REFIN/OUT
33nF
1k
100nF
33nF
1k
10
µF
VDD
VN
IAN
IBP
IBN
ICP
ICN
VAP
AVDD DVDD
VBP
VCP
AGND DGND
DOUT
SCLK
APCF
CLKOUT
CLKIN
CS
DIN
IRQ
10MHz
22pF
22pF
PS2501-1
13
11
2
1
TO FREQ.
COUNTER
14
23
20
IAP
RB
SAME AS
IAP, IAN
9
8
7
10
16
15
14
100nF
10
µF
33nF
1k
1M
220V
33nF
1k
825
I
TO SPI BUS ONLY USED
FOR CALIBRATION
3
4
19
5
6
24
23
21
22
18
12
SAME AS
IAP, IAN
SAME AS VAP
SAME AS VAP
ADE7758
CURRENT
TRANSFORMER
17
VARCF
CT TURN RATIO 1800:1
CHANNEL 2 GAIN = +1
CHANNEL 1 GAIN
RB
110
25
4
2.5
8
1.25
Figure 34. Test Circuit for Integrator Off
REFIN/OUT
33nF
1k
33nF
1k
33nF
1k
33nF
1k
100nF
10
µF
VDD
VN
IAN
IBP
IBN
ICP
ICN
VAP
AVDD DVDD
VBP
VCP
AGND DGND
DOUT
SCLK
APCF
CLKOUT
CLKIN
CS
DIN
IRQ
10MHz
22pF
22pF
PS2501-1
13
11
2
1
TO FREQ.
COUNTER
14
23
20
IAP
SAME AS
IAP, IAN
9
8
7
10
16
15
14
100nF
10
µF
33nF
1k
1M
220V
33nF
1k
825
TO SPI BUS ONLY USED
FOR CALIBRATION
3
4
19
5
6
24
23
21
22
18
12
SAME AS
IAP, IAN
SAME AS VAP
SAME AS VAP
ADE7758
I
di/dt SENSOR
17
VARCF
CHANNEL 1 GAIN = +8
CHANNEL 2 GAIN = +1
Figure 35. Test Circuit for Integrator On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com