Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7758 Datasheet(PDF) 22 Page - Analog Devices

Part # ADE7758
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADE7758 Datasheet HTML 18Page - Analog Devices ADE7758 Datasheet HTML 19Page - Analog Devices ADE7758 Datasheet HTML 20Page - Analog Devices ADE7758 Datasheet HTML 21Page - Analog Devices ADE7758 Datasheet HTML 22Page - Analog Devices ADE7758 Datasheet HTML 23Page - Analog Devices ADE7758 Datasheet HTML 24Page - Analog Devices ADE7758 Datasheet HTML 25Page - Analog Devices ADE7758 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 68 page
background image
ADE7758
Rev. A | Page 22 of 68
Note that the integrator has a −20 dB/dec attenuation and
approximately −90° phase shift. When combined with a di/dt
sensor, the resulting magnitude and phase response should be a
flat gain over the frequency band of interest. However, the di/dt
sensor has a 20 dB/dec gain associated with it and generates
significant high frequency noise. A more effective antialiasing filter
is needed to avoid noise due to aliasing (see the Theory of
Operation section).
When the digital integrator is switched off, the ADE7758 can be
used directly with a conventional current sensor, such as a
current transformer (CT) or a low resistance current shunt.
PEAK CURRENT DETECTION
The ADE7758 can be programmed to record the peak of the
current waveform and produce an interrupt if the current
exceeds a preset limit.
Peak Current Detection Using the PEAK Register
The peak absolute value of the current waveform within a
fixed number of half-line cycles is stored in the IPEAK
register. Figure 47 illustrates the timing behavior of the
peak current detection.
L2
L1
CONTENT OF
IPEAK[7:0]
00
L1
L2
L1
NO. OF HALF
LINE CYCLES
SPECIFIED BY
LINECYC[15:0]
REGISTER
CURRENT WAVEFORM
(PHASE SELECTED BY
PEAKSEL[2:0] IN
MMODE REGISTER)
Figure 47. Peak Current Detection Using the IPEAK Register
Note that the content of the IPEAK register is equivalent to Bit 14
to Bit 21 of the current waveform sample. At full-scale analog
input, the current waveform sample is 0x2851EC . The IPEAK
at full-scale input is therefore expected to be 0xA1.
In addition, multiple phases can be activated for the peak
detection simultaneously by setting multiple bits to logic high
among the PEAKSEL[2:4] bits in the MMODE register. These
bits select the phase for both voltage and current peak measure-
ments. Note that if more than one bit is set, the VPEAK and
IPEAK registers can hold values from two different phases, that
is, the voltage and current peak are independently processed
(see the Peak Current Detection section).
Note that the number of half-line cycles is based on counting
the zero crossing of the voltage channel. The ZXSEL[2:0] bits in
the LCYCMODE register determine which voltage channels are
used for the zero-crossing detection. The same signal is also
used for line cycle energy accumulation mode if activated (see
the Line Cycle Accumulation Mode Register (0x17) section).
OVERCURRENT DETECTION INTERRUPT
Figure 48 illustrates the behavior of the overcurrent detection.
IPINTLVL[7:0]
READ RSTATUS
REGISTER
PKI INTERRUPT FLAG
(BIT 15 OF STATUS
REGISTER)
PKI RESET LOW
WHEN RSTATUS
REGISTER IS READ
CURRENT PEAK WAVEFORM BEING MONITORED
(SELECTED BY PKIRQSEL[2:0] IN MMODE REGISTER)
Figure 48. ADE7758 Overcurrent Detection
Note that the content of the IPINTLVL[7:0] register is equivalent
to Bit 14 to Bit 21 of the current waveform sample. Therefore,
setting this register to A1 (hex) represents putting peak detection
at full-scale analog input. Figure 48 shows a current exceeding a
threshold. The overcurrent event is recorded by setting the PKI
flag (Bit 15) in the interrupt status register. If the PKI enable bit
is set to Logic 1 in the interrupt mask register, the IRQ logic
output goes active low (see the ADE7758 Interrupts section).
Similar to peak level detection, multiple phases can be activated
for peak detection. If any of the active phase produces waveform
samples above the threshold, the PKI flag in the interrupt status
register is set. The phase of which overcurrent is monitored is
set by the PKIRQSEL[2:0] bits in the MMODE register (see
Table 15).
VOLTAGE CHANNEL ADC
Figure 49 shows the ADC and signal processing chain for the
input VA in the voltage channel (same for VB and VC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com