Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1511 Datasheet (PDF) - Dallas Semiconductor

DS1511 Datasheet PDF - Dallas Semiconductor
Part # DS1511
Download  DS1511 Download
File Size   265.13 Kbytes
Page   20 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Y2K-Compliant Watchdog Real-Time Clocks

DS1511 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1511 Datasheet PDF - Dallas Semiconductor

Part # DS1511
Download  DS1511 Click to download

File Size   265.13 Kbytes
Page   20 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Y2K-Compliant Watchdog Real-Time Clocks

DS1511 Datasheet (HTML) - Dallas Semiconductor


DS1511 Product details

GENERAL DESCRIPTION

The DS1501/DS1511 are full-function, year 2000-compliant real-time clock/calendars (RTCs) with an RTC  alarm, watchdog timer, power-on reset, battery monitors, 256 bytes NV SRAM, and a 32.768kHz output. User access to all registers within the DS1501/DS1511 is accomplished with a byte-wide interface, as shown in Figure 8. The RTC registers contain century, year, month, date, day, hours, minutes, and seconds data in 24-hour binary-coded  decimal (BCD) format. Corrections for day of month and leap year are made automatically.



FEATURES

BCD-Coded Century, Year, Month, Date, Day, Hours, Minutes, and Seconds with Automatic Leap-Year Compensation Valid Up to the Year 2100

Programmable Watchdog Timer and RTC Alarm

Century Register; Y2K-Compliant RTC

+3.3 or +5V Operation

Precision Power-On Reset

Power-Control Circuitry Support System Power

  On from Date/Day/Time Alarm or Key

  Closure/Modem-Detect Signal

256 Bytes Battery-Backed NV SRAM

Auxiliary Battery Input

Accuracy of DS1511 Better than ±1

  Minute/Month at +25°C

Day-of-Week/Date Alarm Register

Crystal Select Bit Allow RTC to Operate with 6pF or 12.6pF Crystal

Battery Voltage-Level Indicator Flags

Available as Chip (DS1501) or Stand-Alone Module with Embedded Battery and Crystal(DS1511)

UL Recognized



APPLICATIONS

Remote Systems

Battery-Backed Systems

Telecom Switches

Office Equipment

Consumer Electronics




Similar Part No. - DS1511

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
DS1511 TTELEC-DS1511 Datasheet
462Kb / 2P
Platon Automatic Flow Controller
logo
Synology Inc.
DS1511PLUS SYNOLOGY-DS1511PLUS Datasheet
768Kb / 2P
Synology DiskStation DS1511
logo
Maxim Integrated Produc...
DS1511W+ MAXIM-DS1511W+ Datasheet
448Kb / 22P
Y2K-Compliant Watchdog Real-Time Clocks
REV: 010909
DS1511Y+ MAXIM-DS1511Y+ Datasheet
448Kb / 22P
Y2K-Compliant Watchdog Real-Time Clocks
REV: 010909
More results


Similar Description - DS1511

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ3285LF TI-BQ3285LF Datasheet
150Kb / 22P
Y2K-Enhanced Real-Time Clock (RTC)
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
3V/5V Real-Time Clocks
REV: 032604
DS1501 MAXIM-DS1501 Datasheet
277Kb / 21P
Y2K-Compliant Watchdog Real-Time Clocks
REV: 011607
logo
Dallas Semiconductor
DS1685 DALLAS-DS1685_05 Datasheet
766Kb / 39P
3V/5V Real-Time Clocks
logo
Maxim Integrated Produc...
DS17285 MAXIM-DS17285 Datasheet
319Kb / 30P
Real-Time Clocks
Rev 0; 4/06
DS1501 MAXIM-DS1501_09 Datasheet
448Kb / 22P
Y2K-Compliant Watchdog Real-Time Clocks
REV: 010909
DS1685 MAXIM-DS1685_10 Datasheet
350Kb / 34P
3V/5V Real-Time Clocks
Rev 4/10
DS12885 MAXIM-DS12885_10 Datasheet
268Kb / 22P
Real-Time Clocks
19-5213; Rev 4; 4/10
DS17285 MAXIM-DS17285_1 Datasheet
333Kb / 31P
Real-Time Clocks
Rev 1; 4/10
DS1685 MAXIM-DS1685_12 Datasheet
654Kb / 34P
3V/5V Real-Time Clocks
Rev 10/12
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com