Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR6045WT Datasheet (PDF) - Inchange Semiconductor Company Limited

MBR6045WT Datasheet PDF - Inchange Semiconductor Company Limited
Part # MBR6045WT
Download  MBR6045WT Download
File Size   224.71 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Schottky Barrier Rectifier

MBR6045WT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR6045WT Datasheet PDF - Inchange Semiconductor Company Limited

Part # MBR6045WT
Download  MBR6045WT Click to download

File Size   224.71 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Schottky Barrier Rectifier

MBR6045WT Datasheet (HTML) - Inchange Semiconductor Company Limited


MBR6045WT Product details

FEATURES
• Low Forward Voltage
• Guard -Ring for Stress Protection
• High Surge Capability
• 175℃ Operating Junction Temperature
• Pb-Free Package is Available
• 100% avalanche tested
• Minimum Lot-to-Lot variations for robust device performance and reliable operation




Similar Part No. - MBR6045WT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR6045WT MOTOROLA-MBR6045WT Datasheet
73Kb / 4P
SWITCHMODE??Power Rectifier
logo
Micro Commercial Compon...
MBR6045WT MCC-MBR6045WT Datasheet
734Kb / 2P
60 Amp Schottky Barrier Rectifier 45 Volts
logo
International Rectifier
MBR6045WT IRF-MBR6045WT Datasheet
56Kb / 2P
SCHOTTKY RECIFIER
logo
Vishay Siliconix
MBR6045WT VISHAY-MBR6045WT Datasheet
116Kb / 6P
Schottky Rectifier, 2 x 30 A
21-Aug-08
logo
ON Semiconductor
MBR6045WT ONSEMI-MBR6045WT Datasheet
126Kb / 3P
SWITCHMODE Power Rectifier
March, 2010 ??Rev. 9
More results


Similar Description - MBR6045WT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com