Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJE340 Datasheet (PDF) - Inchange Semiconductor Company Limited

MJE340 Datasheet PDF - Inchange Semiconductor Company Limited
Part # MJE340
Download  MJE340 Download
File Size   144.23 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

MJE340 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJE340 Datasheet PDF - Inchange Semiconductor Company Limited

Part # MJE340
Download  MJE340 Click to download

File Size   144.23 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

MJE340 Datasheet (HTML) - Inchange Semiconductor Company Limited


MJE340 Product details

DESCRIPTION

·Collector–Emitter Sustaining Voltage-

   : VCEO(SUS) = 300 V(Min)

·DC Current Gain-

   : hFE = 100(Min) @ IC= 50mA

·Low Collector Saturation Voltage-

   : VCE(sat) = 1.0V(Max.)@ IC= 50mA

·Complement to the PNP MJE350



APPLICATIONS

·Designed for high voltage and general purpose applications.



 




Similar Part No. - MJE340

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE340 MOTOROLA-MJE340 Datasheet
117Kb / 4P
0.5 AMPERE POWER TRANSISTOR NPN SILICON 300 VOLTS 20 WATTS
logo
STMicroelectronics
MJE340 STMICROELECTRONICS-MJE340 Datasheet
66Kb / 5P
COMPLEMETARY SILICON POWER TRANSISTORS
Jun-1997
logo
Fairchild Semiconductor
MJE340 FAIRCHILD-MJE340 Datasheet
37Kb / 4P
High Voltage General Purpose Applications
logo
STMicroelectronics
MJE340 STMICROELECTRONICS-MJE340 Datasheet
502Kb / 5P
COMPLEMETARY SILICON POWER TRANSISTORS
Apr-2003
logo
Savantic, Inc.
MJE340 SAVANTIC-MJE340 Datasheet
98Kb / 3P
Silicon NPN Power Transistors
More results


Similar Description - MJE340

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com