Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJE13005F Datasheet (PDF) - Inchange Semiconductor Company Limited

MJE13005F Datasheet PDF - Inchange Semiconductor Company Limited
Part # MJE13005F
Download  MJE13005F Download
File Size   148.32 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

MJE13005F Datasheet (PDF)

Go To PDF Page Download Datasheet
MJE13005F Datasheet PDF - Inchange Semiconductor Company Limited

Part # MJE13005F
Download  MJE13005F Click to download

File Size   148.32 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

MJE13005F Datasheet (HTML) - Inchange Semiconductor Company Limited


MJE13005F Product details

DESCRIPTION
• Collector–Emitter Sustaining Voltage
   : VCEO(SUS) = 400V(Min.)
• Collector Saturation Voltage
   : VCE(sat) = 0.6(Max) @ IC= 2.0A
• Switching Time
   : tf= 0.9μ s(Max.)@ IC= 2.0A

APPLICATIONS
• Designed for use in high-voltage, high-speed, power switching 
   in inductive circuit, they are particularly suited for
   115 and 220V switchmode applications such as switching
   regulators,inverters,Motor controls,Solenoid/Relay drivers
   and deflection circuits.




Similar Part No. - MJE13005F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
MJE13005F KEC-MJE13005F Datasheet
352Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR (SWITCHING REGULATOR, HIGH VOLTAGE SWITCHING, HIGH SPEED DC-DC CONVERTER, FLUORESCENT LIGHT BALLSTOR)
MJE13005F KEC-MJE13005F Datasheet
16Kb / 1P
TO-220IS PACKAGE
MJE13005F KEC-MJE13005F Datasheet
456Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR
logo
First Silicon Co., Ltd
MJE13005F FS-MJE13005F Datasheet
256Kb / 2P
TRANSISTOR (NPN)
logo
KEC(Korea Electronics)
MJE13005F KEC-MJE13005F_05 Datasheet
16Kb / 1P
TO-220IS PACKAGE
More results


Similar Description - MJE13005F

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com