Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTD2058 Datasheet (PDF) - Inchange Semiconductor Company Limited

KTD2058 Datasheet PDF - Inchange Semiconductor Company Limited
Part # KTD2058
Download  KTD2058 Download
File Size   150.68 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

KTD2058 Datasheet (PDF)

Go To PDF Page Download Datasheet
KTD2058 Datasheet PDF - Inchange Semiconductor Company Limited

Part # KTD2058
Download  KTD2058 Click to download

File Size   150.68 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

KTD2058 Datasheet (HTML) - Inchange Semiconductor Company Limited


KTD2058 Product details

DESCRIPTION
• Collector-Emitter Breakdown Voltage-
   : V(BR)CEO= 60V(Min.)
• Collector Power Dissipation
   : PC= 25 W@ TC= 25℃
• Low Collector Saturation Voltage-
   : VCE(sat)= -1.0V(Max)@ (IC= -2A, IB= -0.2A)
• Complement to Type KTB1366

APPLICATIONS
• Designed for low frequency power amplifier applications




Similar Part No. - KTD2058

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTD2058 KEC-KTD2058 Datasheet
328Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
logo
Foshan Blue Rocket Elec...
KTD2058 FOSHAN-KTD2058 Datasheet
1Mb / 6P
Silicon NPN transistor in a TO-220F Plastic Package.
logo
Jiangsu Changjiang Elec...
KTD2058 JIANGSU-KTD2058 Datasheet
894Kb / 3P
TO-220-3L Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
KTD2058 SECOS-KTD2058 Datasheet
247Kb / 2P
3A, 60V P Plastic-Encapsulated Transistor
logo
SHENZHEN KOO CHIN ELECT...
KTD2058 KOOCHIN-KTD2058 Datasheet
227Kb / 2P
TRANSISTOR (NPN)
More results


Similar Description - KTD2058

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com