Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTD2059 Datasheet (PDF) - Inchange Semiconductor Company Limited

KTD2059 Datasheet PDF - Inchange Semiconductor Company Limited
Part # KTD2059
Download  KTD2059 Download
File Size   151.14 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

KTD2059 Datasheet (PDF)

Go To PDF Page Download Datasheet
KTD2059 Datasheet PDF - Inchange Semiconductor Company Limited

Part # KTD2059
Download  KTD2059 Click to download

File Size   151.14 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

KTD2059 Datasheet (HTML) - Inchange Semiconductor Company Limited


KTD2059 Product details

DESCRIPTION
• Collector-Emitter Breakdown Voltage-
   : V(BR)CEO= 100V(Min)
• Collector Power Dissipation-
   : PC= 30W@ TC= 25℃
• Low Collector Saturation Voltage-
   : VCE(sat)= 2.0V(Max)@ (IC= 4A, IB= 0.4A)
• Complement to Type KTB1367

APPLICATIONS
• Designed for general purpose applications.




Similar Part No. - KTD2059

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTD2059 KEC-KTD2059 Datasheet
271Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR(GENERAL PURPOSE)
logo
Kwang Myoung I.S. CO.,L...
KTD2059 KISEMICONDUCTOR-KTD2059 Datasheet
4Mb / 2P
Silicon NPN Power Transistor
logo
Kinetic Technologies.
KTD2059 KINETIC-KTD2059 Datasheet
235Kb / 3P
36-Channel RGB LED Drivers with I2C Control
August 2022 - Revision 04e
KTD2059EUAC-TR KINETIC-KTD2059EUAC-TR Datasheet
235Kb / 3P
36-Channel RGB LED Drivers with I2C Control
August 2022 - Revision 04e
KTD2059Q KINETIC-KTD2059Q Datasheet
142Kb / 2P
36-Channel RGB LED Drivers with I2C Control
August 2021 - Revision 04b
More results


Similar Description - KTD2059

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com