Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA13135 Datasheet (PDF) - Hitachi Semiconductor

HA13135 Datasheet PDF - Hitachi Semiconductor
Part # HA13135
Download  HA13135 Download
File Size   606.93 Kbytes
Page   15 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 22W DUAL BTL AUDIO POWER AMPLIFIER

HA13135 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA13135 Datasheet PDF - Hitachi Semiconductor

Part # HA13135
Download  HA13135 Click to download

File Size   606.93 Kbytes
Page   15 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 22W DUAL BTL AUDIO POWER AMPLIFIER

HA13135 Datasheet (HTML) - Hitachi Semiconductor


HA13135 Product details

22 W Dual BTL Audio Power Amplifier




Similar Part No. - HA13135

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA13130 HITACHI-HA13130 Datasheet
298Kb / 13P
17W DUAL BTL AUDIO POWER AMPLIFIER
More results


Similar Description - HA13135

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1898 NTE-NTE1898 Datasheet
25Kb / 3P
Integrated Circuit Dual Audio Power Amp, 5.8W (22W BTL)
logo
Toshiba Semiconductor
TA7280P TOSHIBA-TA7280P Datasheet
646Kb / 13P
5.8W DUAL, 22W BTL AUDIO POWER AMPLIFIER
TA8255AH TOSHIBA-TA8255AH Datasheet
551Kb / 12P
MAX POWER 22W BTL x 4CH AUDIO POWER IC
logo
KEC(Korea Electronics)
KIA3281H KEC-KIA3281H Datasheet
241Kb / 11P
BIPOLAR LINEAR INTEGRATED CIRCUIT (5.8W DUAL AUDIO POWER AMPLIFIER 22W BTL AUDIO POWER AMPLIFIER)
KIA6210AH KEC-KIA6210AH Datasheet
223Kb / 11P
22W BTL DUAL AUDIO POWER AMPLIFIER
KIA6280H KEC-KIA6280H Datasheet
240Kb / 11P
BIPOLAR LINEAR INTEGRATED CIRCUIT (5.8W DUAL AUDIO POWER AMPLIFIER 22W BTL AUDIO POWER AMPLIFIER)
logo
NTE Electronics
NTE7041 NTE-NTE7041 Datasheet
30Kb / 3P
Dual, Audio Power Amplifier, 22W BTL
logo
Toshiba Semiconductor
TA7292P TOSHIBA-TA7292P Datasheet
944Kb / 13P
5.8W DUAL AUDIO POWER AMPLIFIER. 22W BTL AUDIO POWER AMPLIFIER.
TA8255AHQ TOSHIBA-TA8255AHQ Datasheet
1Mb / 13P
Max Power 22W BTL × 4ch Audio Power IC
2004-09-28
TA8210H TOSHIBA-TA8210H Datasheet
740Kb / 11P
22W BTL x 2CH AUDIO POWER AMPLIFIER
1990-6-12
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com