Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA8507D Datasheet (PDF) - Silan Microelectronics Joint-stock

SA8507D Datasheet PDF - Silan Microelectronics Joint-stock
Part # SA8507D
Download  SA8507D Download
File Size   202.42 Kbytes
Page   5 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description COMPANDER

SA8507D Datasheet (PDF)

Go To PDF Page Download Datasheet
SA8507D Datasheet PDF - Silan Microelectronics Joint-stock

Part # SA8507D
Download  SA8507D Click to download

File Size   202.42 Kbytes
Page   5 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description COMPANDER

SA8507D Datasheet (HTML) - Silan Microelectronics Joint-stock


SA8507D Product details

DESCRIPTION
SA8507 is a automatic gain control system that is used for dynamic range compression and expansion. According to the companding the signal, this can reduce the noise components. SA8507 includes compressor, expander, pre-amp, filter amp, limiter and mute/bypath logic.

FEATURES
* Wide supply voltage: 2.4V ~ 7V
* Easy gain control
* Mute/bypath logic
* Data in/out pin




Similar Part No. - SA8507D

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
SA850(C)-G COMCHIP-SA850(C)-G Datasheet
145Kb / 7P
Axial Lead Transient Voltage Suppressor
SA850A(CA)-G COMCHIP-SA850A(CA)-G Datasheet
145Kb / 7P
Axial Lead Transient Voltage Suppressor
SA850A-HF COMCHIP-SA850A-HF Datasheet
381Kb / 6P
Axial Lead Transient Voltage Suppressor
SA850ACA-HF COMCHIP-SA850ACA-HF Datasheet
381Kb / 6P
Axial Lead Transient Voltage Suppressor
More results


Similar Description - SA8507D

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GL6551 HYNIX-GL6551 Datasheet
71Kb / 5P
COMPANDER
GL6552 HYNIX-GL6552 Datasheet
68Kb / 6P
Low Voltage Compander
logo
Samsung semiconductor
KA8507B SAMSUNG-KA8507B Datasheet
82Kb / 6P
COMPANDER
logo
Mitsumi Electronics, Co...
MM1077 MITSUMI-MM1077 Datasheet
163Kb / 7P
Compander IC
logo
Motorola, Inc
MC33111 MOTOROLA-MC33111 Datasheet
120Kb / 12P
Low Voltage Compander
logo
Unisonic Technologies
UTC571N UTC-UTC571N Datasheet
187Kb / 4P
COMPANDER
logo
Tiger Electronic Co.,Lt...
SL5020 TGS-SL5020 Datasheet
157Kb / 7P
LOW VOLTAGE COMPANDER
logo
Unisonic Technologies
8507 UTC-8507_15 Datasheet
222Kb / 6P
4mA COMPANDER
logo
Hangzhou Youwang Electr...
UTC31101 YOUWANG-UTC31101 Datasheet
278Kb / 8P
Compander
2005.11.30 V1.1
UTC571M YOUWANG-UTC571M Datasheet
621Kb / 17P
Compander
2005.12.01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com