Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC1605 Datasheet (PDF) - Exar Corporation

CLC1605 Datasheet PDF - Exar Corporation
Part # CLC1605
Download  CLC1605 Download
File Size   1784.71 Kbytes
Page   21 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 1.5GHz Amplifiers

CLC1605 Datasheet (PDF)

Go To PDF Page Download Datasheet
CLC1605 Datasheet PDF - Exar Corporation

Part # CLC1605
Download  CLC1605 Click to download

File Size   1784.71 Kbytes
Page   21 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 1.5GHz Amplifiers

CLC1605 Datasheet (HTML) - Exar Corporation




Similar Part No. - CLC1605

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC1605 CADEKA-CLC1605 Datasheet
2Mb / 20P
Single and Triple, 1.5GHz Amplifiers
CLC1605IST5X CADEKA-CLC1605IST5X Datasheet
2Mb / 20P
Single and Triple, 1.5GHz Amplifiers
More results


Similar Description - CLC1605

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1552F NJRC-NJG1552F Datasheet
577Kb / 19P
1.5ghZ/1.9ghZ mixer gAaS mmic
NJG1553F NJRC-NJG1553F Datasheet
594Kb / 21P
1.5ghZ/1.9ghZ mixer gAaS mmic
logo
Mitel Networks Corporat...
SP8830 MITEL-SP8830 Datasheet
90Kb / 5P
1.5GHz 첨 10 Prescaler
logo
Rohm
2SC5661 ROHM-2SC5661 Datasheet
75Kb / 4P
High-Frequency Amplifier Transistor (18V, 50mA, 1.5GHz)
logo
Nais(Matsushita Electri...
RK1-12V NAIS-RK1-12V Datasheet
84Kb / 4P
1.5GHz MICROWAVE RELAY
logo
Zarlink Semiconductor I...
SP8830 ZARLINK-SP8830 Datasheet
316Kb / 6P
1.5GHz 첨 10 Prescaler
logo
Linear Technology
LT5515 LINER-LT5515 Datasheet
197Kb / 12P
1.5GHz to 2.5GHz Direct Conversion Quadrature Demodulator
logo
Cadeka Microcircuits LL...
CLC1605 CADEKA-CLC1605 Datasheet
2Mb / 20P
Single and Triple, 1.5GHz Amplifiers
logo
Micrel Semiconductor
SY89295U MICREL-SY89295U_11 Datasheet
638Kb / 17P
2.5V/3.3V 1.5GHz Precision LVPECL
logo
Linear Technology
LT5579 LINER-LT5579_15 Datasheet
347Kb / 20P
1.5GHz to 3.8GHz High Linearity Upconverting Mixer
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com