Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC1605 Datasheet(PDF) 2 Page - Exar Corporation

Part # CLC1605
Description  1.5GHz Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC1605 Datasheet(HTML) 2 Page - Exar Corporation

  CLC1605 Datasheet HTML 1Page - Exar Corporation CLC1605 Datasheet HTML 2Page - Exar Corporation CLC1605 Datasheet HTML 3Page - Exar Corporation CLC1605 Datasheet HTML 4Page - Exar Corporation CLC1605 Datasheet HTML 5Page - Exar Corporation CLC1605 Datasheet HTML 6Page - Exar Corporation CLC1605 Datasheet HTML 7Page - Exar Corporation CLC1605 Datasheet HTML 8Page - Exar Corporation CLC1605 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Data Sheet
©2007-2013 Exar Corporation
2/21
Rev 1E
CLC1605 Pin Assignments
Pin No.
Pin Name
Description
1
OUT
Output
2
-VS
Negative supply
3
+IN
Positive input
4
-IN
Negative input
5
+VS
Positive supply
CLC2605 Pin Assignments
Pin No.
Pin Name
Description
1
OUT1
Output, channel 1
2
-IN1
Negative input, channel 1
3
+IN1
Positive input, channel 1
4
-VS
Negative supply
5
+IN2
Positive input, channel 2
6
-IN2
Negative input, channel 2
7
OUT2
Output, channel 2
8
+VS
Positive supply
CLC3605 Pin Configuration
Pin No.
Pin Name Description
1
-IN1
Negative input, channel 1
2
+IN1
Positive input, channel 1
3
-VS
Negative supply
4
-IN2
Negative input, channel 2
5
+IN2
Positive input, channel 2
6
-VS
Negative supply
7
+IN3
Positive input, channel 3
8
-IN3
Negative input, channel 3
9
DIS3
Disable pin. Enabled if pin is grounded, left floating or
pulled below VON, disabled if pin is pulled above VOFF.
10
OUT3
Output, channel 3
11
+VS
Positive supply
12
OUT2
Output, channel 2
13
DIS2
Disable pin. Enabled if pin is grounded, left floating or
pulled below VON, disabled if pin is pulled above VOFF.
14
+VS
Positive supply
15
OUT1
Output, channel 1
16
DIS1
Disable pin. Enabled if pin is grounded, left floating or
pulled below VON, disabled if pin is pulled above VOFF.
Disable Pin Truth Table
Pin
High
Low*
DIS
Disabled
Enabled
*Default Open State
CLC1605 Pin Configuration
CLC3605 Pin Configuration
2
3
5
4
+IN
+VS
-IN
1
-VS
OUT
-
+
2
3
4
13
14
15
16
OUT1
-VS
DIS1
+VS
1
+IN1
-IN1
5
6
7
+IN3
-VS
+IN2
10
11
12
OUT2
+VS
OUT3
-IN2
DIS2
8
-IN3
9
DIS3
CLC2605 Pin Configuration
-
+
-
+
1
2
3
4
OUT1
-IN1
+IN1
-Vs
+Vs
OUT2
-IN2
+IN2
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com