Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISD1020API Datasheet (PDF) - List of Unclassifed Manufacturers

ISD1020API Datasheet PDF - List of Unclassifed Manufacturers
Part # ISD1020API
Download  ISD1020API Download
File Size   402.46 Kbytes
Page   20 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Single-Chip Voice Record/Playback Devices 16- and 20-Second Durations

ISD1020API Datasheet (PDF)

Go To PDF Page Download Datasheet
ISD1020API Datasheet PDF - List of Unclassifed Manufacturers

Part # ISD1020API
Download  ISD1020API Click to download

File Size   402.46 Kbytes
Page   20 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Single-Chip Voice Record/Playback Devices 16- and 20-Second Durations

ISD1020API Datasheet (HTML) - List of Unclassifed Manufacturers


ISD1020API Product details

GENERAL DESCRIPTION

Information Storage Devices’ ISD1000A Chip Corder® Series provides high-quality, single-chip record/playback solutions for 16- and 20-second messaging applications. The CMOS devices include an on-chip oscillator, microphone pream plifier, automatic gain control, antialiasing filter, smoothing filter, and speaker amplifier. In addition, the ISD1000A Series is fully microprocessor compatible, allowing complex messaging and addressing to be achieved.



FEATURES

• Easy-to-use single-chip voice Record/Play back solution

• High-quality, natural voice/audio reproduction

• Manual switch or microcontroller compatible

  – Playback can be edge- or level activated

• Single-chip durations of 16 and 20 seconds

• Directly cascadable for longer durations

• Power-down mode

  –1 µA standby current (typical)

• Zero-power message storage

  – Eliminates battery backup circuits

• Fully addressable to handle multiple messages

• 100-year message retention (typical)

• 100,000 record cycles (typical)

• On-chip clock source

• No algorithm development required

• Single +5 volt supply

• Available in die form, DIP, and SOIC packaging

• Industrial temperature (-40°C to +85°C) version available




Similar Part No. - ISD1020API

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
ISD1 ISOCOM-ISD1 Datasheet
78Kb / 3P
HIGH DENSITY PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ISD1 ISOCOM-ISD1 Datasheet
85Kb / 3P
HIGH DENSITY PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
List of Unclassifed Man...
ISD1100 ETC-ISD1100 Datasheet
265Kb / 24P
SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
ISD1110P ETC-ISD1110P Datasheet
265Kb / 24P
SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
ISD1110S ETC-ISD1110S Datasheet
265Kb / 24P
SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
More results


Similar Description - ISD1020API

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISD1400 ETC-ISD1400 Datasheet
1Mb / 25P
Single-Chip Voice Record/Playback Devices 16-and 20-Second Durations
ISD4002 ETC-ISD4002 Datasheet
2Mb / 30P
Single-Chip Voice Record/Playback Devices 120-, 150-, 180-, and 240-Second Durations
logo
Winbond
ISD4004 WINBOND-ISD4004 Datasheet
980Kb / 28P
Single-Chip Voice Record/Playback Devices 8-, 10-, 12-, and 16-Minute Durations
logo
List of Unclassifed Man...
ISD33060 ETC-ISD33060 Datasheet
1Mb / 30P
Single-Chip Voice Record/Playback Devices 60-, 75-, 90-, and 120-Second Durations
ISD1200 ETC-ISD1200 Datasheet
1Mb / 25P
Single-Chip Voice Record/Playback Devices 10- and 12-Second Durations
ISD2560 ETC1-ISD2560 Datasheet
801Kb / 26P
Single-Chip Voice Record/Playback Devices 60-, 75-, 90-, and 120-Second Durations
logo
Winbond
ISD1810 WINBOND-ISD1810 Datasheet
278Kb / 18P
Single-Chip, Single-Message Voice Record/Playback Device 8- to 16-Second Durations
logo
List of Unclassifed Man...
ISD4000 ETC1-ISD4000 Datasheet
317Kb / 2P
Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
ISD2500 ETC1-ISD2500 Datasheet
331Kb / 28P
Single-Chip Voice Record/Playback Devices 32-, 40-, 48-, 64-,60-,75,90-, and 120-Second Durations
logo
Generalplus Technology ...
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com