Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISD1020API Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ISD1020API
Description  Single-Chip Voice Record/Playback Devices 16- and 20-Second Durations
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ISD1020API Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ISD1020API Datasheet HTML 1Page - List of Unclassifed Manufacturers ISD1020API Datasheet HTML 2Page - List of Unclassifed Manufacturers ISD1020API Datasheet HTML 3Page - List of Unclassifed Manufacturers ISD1020API Datasheet HTML 4Page - List of Unclassifed Manufacturers ISD1020API Datasheet HTML 5Page - List of Unclassifed Manufacturers ISD1020API Datasheet HTML 6Page - List of Unclassifed Manufacturers ISD1020API Datasheet HTML 7Page - List of Unclassifed Manufacturers ISD1020API Datasheet HTML 8Page - List of Unclassifed Manufacturers ISD1020API Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Product Data Sheets
ISD1000A Series
1–2
-1
GENERAL DESCRIPTION
Information Storage Devices’ ISD1000A Chip-
Corder® Series provides high-quality, single-chip
record/playback solutions for 16- and 20-second
messaging applications. The CMOS devices
include an on-chip oscillator, microphone pream-
plifier, automatic gain control, antialiasing filter,
smoothing filter, and speaker amplifier. In addi-
tion, the ISD1000A Series is fully microprocessor-
compatible, allowing complex messaging and
addressing to be achieved.
Recordings are stored in on-chip nonvolatile
memory cells, providing zero-power message
storage. This unique, single-chip solution is made
possible through ISD's patented multilevel stor-
age technology. Voice and audio signals are
stored directly into memory in their natural form,
providing high-quality, solid-state voice reproduc-
tion.
DETAILED DESCRIPTION
The ISD1000A ChipCorder Series devices are
designed to Record and Play back audio and
voice information in a single chip with a minimum
of circuit complexity. This compact, easy-to-use,
nonvolatile, low-power solution has been made
possible by ISD's multilevel storage technology —
a breakthrough in storage technology in EEPROM.
ISD’s multilevel storage technology results in stor-
age density that is eight times greater than digital
memory. The ISD1000A nonvolatile analog array
consists of 128K cells — the equivalent of 1 Mbits
of digital storage.
The ISD1000A Series eliminates the need for dig-
ital conversion, digital compression, and voice
synthesis techniques which often compromise
voice quality and are more complicated to use.
The ISD1000A Series includes signal conditioning
circuits and control functions which enable a com-
plete, high-quality Recording and Playback sys-
tem in a single device. The ISD1000A is available
in two versions, which store voice in 16- or 20-sec-
ond arrays. Additional devices may be cascaded
ISD1000A SERIES BLOCK DIAGRAM
Amp
Timing
Internal Clock
Pre-
Amp
VCCA
VCCD
Power Conditioning
A0
A2 A3 A4 A5
A7
A6
Address Buffers
ANA IN
ANA OUT
MIC
MIC REF
AGC
Analog Transceivers
128 K Cell
Nonvolatile
Multilevel Storage
Array
Amp
Sampling Clock
PD
P/R
CE
EOM
Device Control
XCLK
AUX IN
SP+
SP–
Mux
VSSA VSSD
A1
Automatic
Gain Control
(AGC)
5-Pole Active
Antialiasing Filter
5-Pole Active
Smoothing Filter
R
06.DataBook_1000A Dsht Page 2 Friday, September 27, 1996 10:44 AM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com