Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISD1020API Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # ISD1020API
Description  Single-Chip Voice Record/Playback Devices 16- and 20-Second Durations
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ISD1020API Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ISD1020API Datasheet HTML 7Page - List of Unclassifed Manufacturers ISD1020API Datasheet HTML 8Page - List of Unclassifed Manufacturers ISD1020API Datasheet HTML 9Page - List of Unclassifed Manufacturers ISD1020API Datasheet HTML 10Page - List of Unclassifed Manufacturers ISD1020API Datasheet HTML 11Page - List of Unclassifed Manufacturers ISD1020API Datasheet HTML 12Page - List of Unclassifed Manufacturers ISD1020API Datasheet HTML 13Page - List of Unclassifed Manufacturers ISD1020API Datasheet HTML 14Page - List of Unclassifed Manufacturers ISD1020API Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
1–11
Product Data Sheets
ISD1000A Series
1
NOTES: 1.
Typical values @ TA = 25° C and 5.0 V.
2.
All Min/Max limits are guaranteed by ISD via electrical testing or characterization. Not all specifications are 100% tested.
3.
Low-frequency cutoff depends upon value of external capacitors (see Pin Descriptions).
4.
From AUX IN; if ANA IN is driven at 50 mV p-p, the POUT= 12.2 mW, typical.
5.
With 5.1 K
Ω series resistor at ANA IN.
6.
This is the minimum pulse width required to guarantee that a Record cycle will be interrupted. A LOW-going PD pulse
of less than this interval during Record may be ignored.
7.
This is the minimum pulse width required to guarantee that a Playback cycle will be interrupted. A LOW-going PD pulse
of less than this interval during Playback may be ignored.
8.
This is the minimum pulse width required to reset the device when in a static condition; i.e., not actively recording or
playing back.
9.
Sampling Frequency and Playback Duration will vary as much as
±2.25% over the commercial temperature and voltage
range and
±5% over the industrial temperature and voltage range. For greater stability, an external clock can be utilized
(see Pin Descriptions).
10.
Filter specification applies to the antialiasing filter and to the smoothing filter.
TPDR
PD Pulse Width - Record
— ISD1016A
— ISD1020A
25
31.25
msec
msec
(6)
(6)
TPDP
PD Pulse Width - Play
— ISD1016A
— ISD1020A
12.5
15.625
msec
msec
(7)
(7)
TPDS
PD Pulse Width - Static
— ISD1016A
— ISD1020A
100
100
nsec
nsec
(8)
(8)
TPDH
Power Down Hold
— ISD1016A
— ISD1020A
0
0
nsec
nsec
TEOM
EOM Pulse Width
— ISD1016A
— ISD1020A
12.5
15.6
msec
msec
THD
Total Harmonic Distortion
— ISD1016A
— ISD1020A
1
1
%
%
@ 1 KHz
@ 1 KHz
POUT
Speaker Output Power
— ISD1016A
— ISD1020A
12.5
12.5
50
50
mW
mW
REXT = 16 Ω
(4)
REXT = 16 Ω
(4)
VOUT
Voltage Across Speaker Pins
— ISD1016A
— ISD1020A
2.5
2.5
V p–p
V p–p
REXT = 600 Ω
REXT = 600 Ω
VIN1
MIC Input Voltage
— ISD1016A
— ISD1020A
20
20
mV
mV
Peak-to-Peak(5)
Peak-to-Peak(5)
VIN2
ANA IN Input Voltage
— ISD1016A
— ISD1020A
50
50
mV
mV
Peak-to-Peak
Peak-to-Peak
VIN3
AUX IN Input Voltage
— ISD1016A
— ISD1020A
1.25
1.25
V p–p
V p–p
REXT = 16 Ω
REXT = 16 Ω
Symbol
Characteristic
Min(2)
Typ (1)
Max(2)
Units
Conditions
AC PARAMETERS (PACKAGED PARTS) – CONTINUED
06.DataBook_1000A Dsht Page 11 Friday, September 27, 1996 10:44 AM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com