Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISD1020API Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # ISD1020API
Description  Single-Chip Voice Record/Playback Devices 16- and 20-Second Durations
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ISD1020API Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button ISD1020API Datasheet HTML 12Page - List of Unclassifed Manufacturers ISD1020API Datasheet HTML 13Page - List of Unclassifed Manufacturers ISD1020API Datasheet HTML 14Page - List of Unclassifed Manufacturers ISD1020API Datasheet HTML 15Page - List of Unclassifed Manufacturers ISD1020API Datasheet HTML 16Page - List of Unclassifed Manufacturers ISD1020API Datasheet HTML 17Page - List of Unclassifed Manufacturers ISD1020API Datasheet HTML 18Page - List of Unclassifed Manufacturers ISD1020API Datasheet HTML 19Page - List of Unclassifed Manufacturers ISD1020API Datasheet HTML 20Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
1–17
Product Data Sheets
ISD1000A Series
1
SSD
SSA
A0
A1
A2
A3
A4
A5
A6
A7
CE
PD
P/R
EOM
XCLK
V
V
V
V
SP+
SP–
AUX IN
ANA IN
ANA OUT
MIC REF
MIC
AGC
CCD
CCA
C3
16
Ω
SPEAKER
1
2
3
4
5
6
9
10
23
24
27
25
26
28
16
12
13
14
15
11
20
21
18
17
19
ELECTRET
MICROPHONE
0.1
µF
CC
V
CC
V
22
µF
SS
V
PLAYBACK/RECORD
POWER DOWN
CHIP ENABLE
ISD1016A/1020A
0.1
µF
0.1
µF
C5
0.1
µF
Mic Ref
C1
0.1
µF
CC
V
C2
4.7
µF
470 K
Ω
R2
1 K
Ω
R1
10 K
Ω
R3
C4
220
µF
(Note)
R5
5.1 K
Ω
10 K
Ω
R4
C7
C6
C8
APPLICATION EXAMPLE – DESIGN SCHEMATIC
APPLICATION EXAMPLE – BASIC DEVICE CONTROL
Control Step
Function
Action
1
Power up chip and select record/playback mode
1. PD = LOW
2. P/R = As desired
2
Set message address for record/playback
Set addresses A0–A7
3
Begin playback/record
CE = Pulsed LOW (Playback)
CE = Held LOW (Record)
4
End cycle
CE = HIGH and EOM reached
NOTE:
If desired, pin 18 may be left unconnected
(microphone preamplifier noise will be higher). In this
case, pin 18 must not be tied to any other signal or
voltage.
Additional design example schematics are provided in
the Application Notes and Design Manual in this book.
06.DataBook_1000A Dsht Page 17 Friday, September 27, 1996 10:44 AM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com