Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRV05 Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

SRV05 Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # SRV05
Download  SRV05 Download
File Size   178.52 Kbytes
Page   3 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description LOW CAPACITANCE TVS DIODE ARRAY

SRV05 Datasheet (PDF)

Go To PDF Page Download Datasheet
SRV05 Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SRV05
Download  SRV05 Click to download

File Size   178.52 Kbytes
Page   3 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description LOW CAPACITANCE TVS DIODE ARRAY

SRV05 Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


SRV05 Product details

Features
● Ultra low leakage: nA level
● Operating voltage: 5V
● Low clamping voltage
● Complies with following standards:
   – IEC 61000-4-2 (ESD) immunity test
      Air discharge: ±15kV
      Contact discharge: ±8kV
   – IEC61000-4-4 (EFT) 40A (5/50ns)
   – IEC61000-4-5 (Lightning) 15A (8/20μs)
● RoHS Compliant

Applications
● USB 2.0 power and data line
● Set-top box and digital TV
● Digital video interface (DVI)
● Notebook Computers
● SIM Ports
● 10/100 Ethernet




Similar Part No. - SRV05

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SRV05 LITTELFUSE-SRV05 Datasheet
1Mb / 4P
The SRV05 integrates low capacitance rail-to-rail diodes with an additional zener diode to protect each I/O pin against ESD and high surge events.
logo
Semtech Corporation
SRV05-4 SEMTECH-SRV05-4 Datasheet
289Kb / 12P
Low Capacitance TVS Diode Array
logo
Protek Devices
SRV05-4 PROTEC-SRV05-4 Datasheet
102Kb / 4P
STEERING DIODE / TVS ARRAY COMBO
SRV05-4 PROTEC-SRV05-4 Datasheet
79Kb / 4P
STEERING DIODE/ TVS ARRAY COMBO
logo
Semtech Corporation
SRV05-4 SEMTECH-SRV05-4 Datasheet
291Kb / 13P
RailClamp짰 Low Capacitance TVS Diode Array
More results


Similar Description - SRV05

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJDLLLC05 PANJIT-PJDLLLC05 Datasheet
316Kb / 3P
Low Capacitance TVS Diode Array
logo
Torex Semiconductor
XBP1007 TOREX-XBP1007_12 Datasheet
183Kb / 5P
Low Capacitance TVS Diode Array
XBP1001-12 TOREX-XBP1001-12 Datasheet
183Kb / 5P
Low Capacitance TVS Diode Array
XBP1002-12 TOREX-XBP1002-12 Datasheet
165Kb / 5P
Low Capacitance TVS Diode Array
XBP1006-12 TOREX-XBP1006-12 Datasheet
182Kb / 5P
Low Capacitance TVS Diode Array
XBP1007-12 TOREX-XBP1007-12 Datasheet
183Kb / 5P
Low Capacitance TVS Diode Array
logo
Yea Shin Technology Co....
YSBLCXXC YEASHIN-YSBLCXXC Datasheet
1Mb / 10P
LOW CAPACITANCE TVS DIODE ARRAY
YSULC0502T3 YEASHIN-YSULC0502T3 Datasheet
768Kb / 3P
Low Capacitance TVS Diode Array
logo
Torex Semiconductor
XBP1001 TOREX-XBP1001 Datasheet
183Kb / 5P
Low Capacitance TVS Diode Array
XBP1004 TOREX-XBP1004 Datasheet
169Kb / 5P
Low Capacitance TVS Diode Array
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com