Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL600USB Datasheet (PDF) - List of Unclassifed Manufacturers

GL600USB Datasheet PDF - List of Unclassifed Manufacturers
Part # GL600USB
Download  GL600USB Download
File Size   352.23 Kbytes
Page   38 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description USB MOUSE MICROCONTROLLER

GL600USB Datasheet (PDF)

Go To PDF Page Download Datasheet
GL600USB Datasheet PDF - List of Unclassifed Manufacturers

Part # GL600USB
Download  GL600USB Click to download

File Size   352.23 Kbytes
Page   38 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description USB MOUSE MICROCONTROLLER

GL600USB Datasheet (HTML) - List of Unclassifed Manufacturers


GL600USB Product details

FUNCTIONAL OVERVIEW

The GL600USB is a 8-bits RISC-like high performance microcontroller with a built -in 1.5Mbps SIE and transceiver. The microcontroller features 33 instructions optimized for USB applications. There are 64 bytes on-chip RAM and  1.75Kx 14 program ROM incorporated into the microcontroller.The GL600USB accepts a 6MHz ceramic resonator or a crystal as its clock source.



FEATURES

·  Low -cost solution forlow -speed USB mouse

·  8-bit micro -controller

-  Operation Speed: DC to 6MHzclock input

-  Performance: 3 MIPS @ 6MHz

-  Single cycle instruction execution

-  RISC-like architecture

-  USB optimized instruction set

·  USB Specification Compliance

-  Conforms to USB 1.5Mbps Specification, Version 1.1

-  Conforms to USB HID Class Specification, Version 1.1

-  Supports 1 device address and 2 endpoints  (include endpoint 0)

·  I/O ports

-  Up to 13(GL600USB)/11(GL600USB-A)/9(GL600USB-B) general purpose I/O pins  (OTP type is less a GPIO pin thanmask type)

-  Internal RC clock to wakeup periodically (about 500ms) when suspend

-  Up to 8(GL600USB)/6(GL600USB-A)/4(GL600USB-B) special purpose I/O pins optimized for photo-sensor (Internal build in 4 bits ADC)

-  Up to 2 I/O pins with large current drive capability to drive LED (Sink current up to 16 mA)

·  Internal memory

-  64 bytes of RAM (special purpose register is not included)

-  1.75K x 14 of program ROM

·  Integrated USB transceiver

·  Patentedfull-range detection for photo-sensor

-  Removes the expensive process of ma tching LED and photo-sensor

·  On-chip 3.3v output

-  No external regulator required

·  Improved output drivers with slew -rate control to reduce EMI

·  6 MHz external clock

·  Internal power -on reset(POR)

·  Internal power -fail detector

·  Supports suspend/normal mode power ma nagement

-  Suspend current lower than 400mA for whole mouse system (mask type)

·  8-bits free-running timer

·  Available in cost saving 20-pin(GL600USB) PDIP, 18-pin(GL600USB-A) PDIP and 16-pin(GL600USB-B) PDIP




Similar Part No. - GL600USB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL602USB ETC1-GL602USB Datasheet
201Kb / 35P
USB KEYBOARD MICROCONTROLLER
GL602USB-A ETC1-GL602USB-A Datasheet
201Kb / 35P
USB KEYBOARD MICROCONTROLLER
GL603USB ETC-GL603USB Datasheet
373Kb / 41P
USB PS/2 MOUSE MICROCONTROLLER
GL603USB-A ETC-GL603USB-A Datasheet
373Kb / 41P
USB PS/2 MOUSE MICROCONTROLLER
GL603USB-B ETC-GL603USB-B Datasheet
373Kb / 41P
USB PS/2 MOUSE MICROCONTROLLER
More results


Similar Description - GL600USB

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82M91A HOLTEK-HT82M91A Datasheet
85Kb / 6P
3D USB Mouse
January 28, 2000
HT82M98A HOLTEK-HT82M98A Datasheet
89Kb / 7P
3D USBPS2 Mouse
June 14, 2000
logo
List of Unclassifed Man...
GL603USB ETC-GL603USB Datasheet
373Kb / 41P
USB PS/2 MOUSE MICROCONTROLLER
logo
ELAN Microelectronics C...
EKM8025 EMC-EKM8025 Datasheet
609Kb / 17P
USB & PS/2 Mouse Controller
logo
Toshiba Semiconductor
TC9350BFN-T00 TOSHIBA-TC9350BFN-T00 Datasheet
195Kb / 18P
USB Mouse Controller IC
logo
Pixart Imaging Inc.
PAW3502 PIXART-PAW3502 Datasheet
477Kb / 10P
USB OPTICAL MOUSE SINGLE CHIP
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-2700 AVAGO-ADNS-2700 Datasheet
271Kb / 39P
Single Chip USB Optical Mouse Sensor One chip USB mouse sensor
logo
Pixart Imaging Inc.
PAW3515DB PIXART-PAW3515DB Datasheet
69Kb / 4P
USB OPTICAL MOUSE SINGLE CHIP
PAW3529DH-TXWA PIXART-PAW3529DH-TXWA Datasheet
821Kb / 23P
USB OPTICAL MOUSE SINGLE CHIP
PAW3552DB PIXART-PAW3552DB Datasheet
1Mb / 8P
USB/PS2 Optical Mouse SoC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com