Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL602USB-A Datasheet (PDF) - List of Unclassifed Manufacturers

GL602USB-A Datasheet PDF - List of Unclassifed Manufacturers
Part # GL602USB-A
Download  GL602USB-A Download
File Size   201.24 Kbytes
Page   35 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description USB KEYBOARD MICROCONTROLLER

GL602USB-A Datasheet (PDF)

Go To PDF Page Download Datasheet
GL602USB-A Datasheet PDF - List of Unclassifed Manufacturers

Part # GL602USB-A
Download  GL602USB-A Click to download

File Size   201.24 Kbytes
Page   35 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description USB KEYBOARD MICROCONTROLLER

GL602USB-A Datasheet (HTML) - List of Unclassifed Manufacturers


GL602USB-A Product details

[Genesys-Logic]

FUNCTIONAL OVERVIEW
The GL602USB is an 8-bit RISC-like high performance microcontroller with a built-in 1.5Mbps SIE and transceiver. The microcontroller features 33 instructions optimized for USB keyboard. There are 96 bytes onchip RAM and 4K x 14 bits program ROM incorporated into the micro-controller. The micro-controller features 18 output pins and 8 input pins to make a 18 x 8 key matrix. Additionally, 3 GPIO pins are strong enough to drive LEDs. 4 GPIO pins can be used by any function, for example, support a PS/2 3D mouse to USB 3D mouse converter in the default firmware. Legacy USB cable can be used for keyboard in USB mode. All GPIO ports feature low EMI emissions as a result of improved output drivers with slew-rate control.

FEATURES
• Low-cost solution for low-speed USB keyboard
• 8-bit micro-controller
   − Operation Speed: 6MHz clock input
   − Performance: 3 MIPS @ 6MHz
   − Single cycle instruction execution
   − RISC-like architecture
   − USB optimized instruction set
• USB Specification Compliance
   − Conforms to USB 12Mbps Specification, Version 1.1
   − Conforms to USB HID Class Specification, Version 1.1
   − Supports 1 device address and 4 endpoints (include endpoint 0)
• I/O ports
   − Up to 7(GL602USB)/5(GL602USB-A) general purpose I/O pins (OTP type is less a GPIO pin than mask type).
   − Up to 8 sense pins and 1 I/O pin with remote wakeup capability
   − Up to 18(GL602USB)/8(GL602USB-A) output pins optimized for key matrix drive pin
   − Up to 8(GL602USB)/4(GL602USB-A) output pins optimized for key matrix sense pin
   − Up to 3(GL602USB)/1(GL602USB-A) I/O pins with LED drive capability
• Internal memory
   − 96 bytes of RAM
   − 4K x 14 of program ROM
• On-chip 3.3v output
   − No external regulator required
• Improved output drivers with slew-rate control to reduce EMI
• 6 MHz external clock
• Internal power-on reset (POR)
• Internal power-fail detector
• Supports suspend/normal mode power management
   − Suspend current lower than 400µA for the whole keyboard system (mask type)
• 8-bit free-running timer
• Available in cost saving 40-pin(GL602USB) PDIP, 24-pin(GL602USB-A) SOP
• Support a PS/2 mouse to USB mouse converter in the default firmware.




Similar Part No. - GL602USB-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL600USB ETC-GL600USB Datasheet
352Kb / 38P
USB MOUSE MICROCONTROLLER
GL600USB-A ETC-GL600USB-A Datasheet
352Kb / 38P
USB MOUSE MICROCONTROLLER
GL600USB-B ETC-GL600USB-B Datasheet
352Kb / 38P
USB MOUSE MICROCONTROLLER
GL603USB ETC-GL603USB Datasheet
373Kb / 41P
USB PS/2 MOUSE MICROCONTROLLER
GL603USB-A ETC-GL603USB-A Datasheet
373Kb / 41P
USB PS/2 MOUSE MICROCONTROLLER
More results


Similar Description - GL602USB-A

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
83C51KB INTEL-83C51KB Datasheet
273Kb / 19P
HIGH PERFORMANCE KEYBOARD MICROCONTROLLER
logo
List of Unclassifed Man...
WT6510 ETC-WT6510 Datasheet
143Kb / 8P
WT6510 USB KEYBOARD CONTROLLER
AU9410 ETC-AU9410 Datasheet
132Kb / 31P
USB Keyboard Controller
AU9462 ETC-AU9462 Datasheet
150Kb / 31P
USB Keyboard Hub Controller
NT68P81 ETC-NT68P81 Datasheet
1,003Kb / 30P
USB Keyboard Micro-Controller
AU9432R2 ETC2-AU9432R2 Datasheet
447Kb / 31P
Multimedia USB Keyboard Hu
AU9410 ETC1-AU9410_06 Datasheet
651Kb / 24P
USB Keyboard Controller
AU9432 ETC2-AU9432_05 Datasheet
252Kb / 28P
Multimedia USB Keyboard Hub
AU9462 ETC1-AU9462_06 Datasheet
607Kb / 23P
USB Keyboard Hub Controller
logo
Winbond
W81281 WINBOND-W81281 Datasheet
324Kb / 37P
USB Keyboard/ Device Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com