Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL603USB Datasheet (PDF) - List of Unclassifed Manufacturers

GL603USB Datasheet PDF - List of Unclassifed Manufacturers
Part # GL603USB
Download  GL603USB Download
File Size   373.57 Kbytes
Page   41 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description USB PS/2 MOUSE MICROCONTROLLER

GL603USB Datasheet (PDF)

Go To PDF Page Download Datasheet
GL603USB Datasheet PDF - List of Unclassifed Manufacturers

Part # GL603USB
Download  GL603USB Click to download

File Size   373.57 Kbytes
Page   41 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description USB PS/2 MOUSE MICROCONTROLLER

GL603USB Datasheet (HTML) - List of Unclassifed Manufacturers


GL603USB Product details

[Genesys-Logic]

FUNCTIONAL OVERVIEW
The GL603USB is a 8-bits RISC-like high performance microcontroller with a built-in 1.5Mbps SIE and transceiver. The microcontroller features 33 instructions optimized for USB and PS/2 mouse. There are 64 bytes on-chip RAM and 2.75K x 14 program ROM incorporated into the microcontroller. Because the GL603USB build in a clock generator circuit, it can accepts a 6 MHz ceramic resonator or a crystal as its clock source. The clock generator can generate 12 MHz clock for micro-controller to sense mouse tracking signal. The clock is only enabled when bit 1 of PORTCON1 register is cleared. In default firmware, it indicates the controller is running on PS/2 mouse mode. The sampling rate of mouse tracking signal can be up to 100 us in USB mode and 80 us in PS/2 mode. The micro-controller features 13 general purpose I/Os (GPIOs). 8 GPIO pins build in 4 bits ADC for photo-sensor input to remove the expensive process of matching LED and photo-sensor.

FEATURES
● Low-cost solution for PS/2 and low-speed USB combo mouse
● 8-bit micro-controller
   - Operation Speed: DC to 6MHz clock input
   - Performance: 3 MIPS/6 MIPS @ 6MHz (6 MIPS is only for mask type)
   - Single cycle instruction execution
   - RISC-like architecture
   - USB optimized instruction set
● USB Specification Compliance
   - Conforms to USB 1.5Mbps Specification, Version 1.1
   - Conforms to USB HID Class Specification, Version 1.1
   - Supports 1 device address and 2 endpoints (include endpoint 0)
● I/O ports
   - Up to 13(GL603USB)/11(GL603USB-A)/9(GL603USB-B) general purpose I/O pins (OTP type is less a GPIO pin than mask type, and the number is not included CLK/DATA in PS/2 mode).
   - Internal RC clock to wakeup periodically (about 200ms for mask type, 500ms for OTP type) when suspend
   - Up to 8(GL603USB)/6(GL603USB-A)/4(GL603USB-B) special purpose I/O pins optimized for photo-sensor (Internal build in 4 bits ADC)
   - Up to 2 I/O pins with large current drive capability to drive LED (Sink current up to 16 mA)
   - 2 open drain I/O pins combined with USB D+/D- functions to be used as DATA and CLK in PS/2 mode
● Internal memory
   - 64 bytes of RAM (special purpose register is not included)
   - 2.75K x 14 of program ROM
● Integrated USB transceiver with open drain I/O capability
   - In PS/2 mode, D+ used as CLK and D- used as DATA
   - Use legacy USB cable and add an USB to PS/2 converter to connect PS/2 port
● Patented full-range detection for photo-sensor
   - Removes the expensive process of matching LED and photo-sensor
● On-chip 3.3v output
   - No external regulator required
● Improved output drivers with slew-rate control to reduce EMI
● 6 MHz external clock
● Build in clock generator to generate 12 MHz internal clock for micro-controller (mask type only)
   - Improve photo-sensor sampling rate up to 100 us per sample in USB mode and 80 us in PS/2 mode
● Internal power-on reset(POR)
● Internal power-fail detector
● Supports suspend/normal mode power management
   - Suspend current lower than 400mA for whole mouse system (mask type)
● 8-bits free-running timer
● Available in cost saving 20-pin(GL603USB) PDIP, 18-pin(GL603USB-A) PDIP and 16-pin(GL603USB-B) PDIP




Similar Part No. - GL603USB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL600USB ETC-GL600USB Datasheet
352Kb / 38P
USB MOUSE MICROCONTROLLER
GL600USB-A ETC-GL600USB-A Datasheet
352Kb / 38P
USB MOUSE MICROCONTROLLER
GL600USB-B ETC-GL600USB-B Datasheet
352Kb / 38P
USB MOUSE MICROCONTROLLER
GL602USB ETC1-GL602USB Datasheet
201Kb / 35P
USB KEYBOARD MICROCONTROLLER
GL602USB-A ETC1-GL602USB-A Datasheet
201Kb / 35P
USB KEYBOARD MICROCONTROLLER
More results


Similar Description - GL603USB

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9206 ROHM-BU9206 Datasheet
62Kb / 6P
PS / 2 Mouse Controller
logo
ELAN Microelectronics C...
EM84502 EMC-EM84502 Datasheet
85Kb / 12P
PS/2 MOUSE ENCODER
logo
Holtek Semiconductor In...
HT6523 HOLTEK-HT6523 Datasheet
125Kb / 9P
PS/2 Mouse Controller
March 6, 2003
logo
List of Unclassifed Man...
GL600USB ETC-GL600USB Datasheet
352Kb / 38P
USB MOUSE MICROCONTROLLER
logo
ELAN Microelectronics C...
EKM8050 EMC-EKM8050 Datasheet
487Kb / 9P
USB & PS/2 Optical Mouse Controller
EKM8022 EMC-EKM8022 Datasheet
334Kb / 20P
USB & PS/2 Mouse Controller
EKM8025 EMC-EKM8025 Datasheet
609Kb / 17P
USB & PS/2 Mouse Controller
EKM8053 EMC-EKM8053 Datasheet
623Kb / 16P
USB & PS/2 Optical Mouse Controller
logo
Holtek Semiconductor In...
HT82M98A HOLTEK-HT82M98A_06 Datasheet
99Kb / 7P
3-Key 3D USBPS/2 Mouse Controller
October 31, 2006
logo
IOGEAR
GUC10KM IOGEAR-GUC10KM Datasheet
125Kb / 2P
USB to PS/2 Converter for Keyboard / Mouse
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com