Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL603USB Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # GL603USB
Description  USB PS/2 MOUSE MICROCONTROLLER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL603USB Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button GL603USB Datasheet HTML 2Page - List of Unclassifed Manufacturers GL603USB Datasheet HTML 3Page - List of Unclassifed Manufacturers GL603USB Datasheet HTML 4Page - List of Unclassifed Manufacturers GL603USB Datasheet HTML 5Page - List of Unclassifed Manufacturers GL603USB Datasheet HTML 6Page - List of Unclassifed Manufacturers GL603USB Datasheet HTML 7Page - List of Unclassifed Manufacturers GL603USB Datasheet HTML 8Page - List of Unclassifed Manufacturers GL603USB Datasheet HTML 9Page - List of Unclassifed Manufacturers GL603USB Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
6
09/22/00
GL603USB/GL603USB-A/GL603USB-B
Revision 1.4
2
FUNCTIONAL OVERVIEW
The GL603USB is a 8-bits RISC-like high performance microcontroller with a built-in 1.5Mbps SIE and
transceiver. The microcontroller features 33 instructions optimized for USB and PS/2 mouse. There are 64
bytes on-chip RAM and 2.75K x 14 program ROM incorporated into the microcontroller. Because the
GL603USB build in a clock generator circuit, it can accepts a 6 MHz ceramic resonator or a crystal as its
clock source. The clock generator can generate 12 MHz clock for micro-controller to sense mouse tracking
signal. The clock is only enabled when bit 1 of PORTCON1 register is cleared. In default firmware, it
indicates the controller is running on PS/2 mouse mode. The sampling rate of mouse tracking signal can be
up to 100 us in USB mode and 80 us in PS/2 mode. The micro-controller features 13 general purpose I/Os
(GPIOs). 8 GPIO pins build in 4 bits ADC for photo-sensor input to remove the expensive process of
matching LED and photo-sensor. Additionally, 2 GPIO pins are strong enough to drive LEDs. The other 3
GPIO pins is used for mouse buttons by default firmware. Beside the 13 GPIO pins, another 2 GPIO pins
combined with USB D+/D- functions can be used as DATA and CLK in PS/2 mode. Legacy USB cable
can be used for mouse in USB mode and an USB to PS/2 converter is required in PS/2 mode. All GPIO
ports feature low EMI emissions as a result of improved output drivers with slew-rate control.
Micro-
controller
USB Registers
&
FIFO Control
Endpoint 0
8 Bytes FIFO
Endpoint 1
8 Bytes FIFO
USB
Interface
D+
D-
PS/2 CLK
Mux
PS/2 DATA
Select Control
D+ / PS2CLK
D- / PS2DATA
Figure 2-1 Block Diagram of GL603USB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com