Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL603USB Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # GL603USB
Description  USB PS/2 MOUSE MICROCONTROLLER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL603USB Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button GL603USB Datasheet HTML 11Page - List of Unclassifed Manufacturers GL603USB Datasheet HTML 12Page - List of Unclassifed Manufacturers GL603USB Datasheet HTML 13Page - List of Unclassifed Manufacturers GL603USB Datasheet HTML 14Page - List of Unclassifed Manufacturers GL603USB Datasheet HTML 15Page - List of Unclassifed Manufacturers GL603USB Datasheet HTML 16Page - List of Unclassifed Manufacturers GL603USB Datasheet HTML 17Page - List of Unclassifed Manufacturers GL603USB Datasheet HTML 18Page - List of Unclassifed Manufacturers GL603USB Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
15
09/22/00
GL603USB/GL603USB-A/GL603USB-B
Revision 1.4
0: Global resume was not detected
SUSPD: Global suspend bit
1: Global suspend (USB idle more than 3ms) was detected
0: Global suspend was not detected
EP1TX: Endpoint 1 transmitting status bit
1: Data has been sent from endpoint 1
0: Data has not been sent from endpoint 1
EP0TX: Endpoint 0 transmitting status bit
1: Data has been sent from endpoint 0
0: Data has not been sent from endpoint 0
EP0RX: Endpoint 0 receiving status bit
1: Data has been received by endpoint 0
0: Data has not been received by endpoint 0
Note 1: “R/W1C” means read-only and write “1” to clear bit
DEVADR (Address 13h, USB device address register)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
DADR6
DADR5
DADR4
DADR3
DADR2
DADR1
DADR0
Write this register to set the USB device address
Value on POR: “- 0 0 0 0 0 0 0”
FFCNT0 (Address 14h, Byte count buffer for endpoint 0)
R/O
[1]
R/O
R/O
R/O
R/W
R/W
R/W
R/W
RXCNT3
RXCNT2
RXCNT1
RXCNT0
TXCNT3
TXCNT2
TXCNT1
TXCNT0
RXCNT[3:0]: Number of bytes received by endpoint 0 OUT transaction
TXCNT[3:0]: Number of bytes to be sent by endpoint 0 IN transaction
Note 1: “R/O” means read-only bit. Writing this bit is no effect.
FFCNT1 (Address 15h, Byte count buffer for endpoint 1)
R/W
R/W
R/W
R/W
TXCNT3
TXCNT2
TXCNT1
TXCNT0
TXCNT[3:0]: Number of bytes to be sent by endpoint 1 IN transaction
Value on POR: “- - - - x x x x”
FFCTL (Address 16h, FIFO control register)
W/O
[1]
R/W
R/W
R/W
W/O
R/W
R/W
FFRST1
TXSEQ1
TXOE1
RXDIS0
FFRST0
TXSEQ0
TXOE0
FFRST1: Reset endpoint 1 FIFO read/write pointer
Write “1” to this bit will reset endpoint 1 FIFO read/write pointer. Data in endpoint 1 FIFO remain
unchanged. Before data are written into endpoint 1 FIFO, FFRST1 should be written first.
TXSEQ1: Endpoint 1 transmitting sequence bit
1: Transmitting data use DATA 1 as PID
0: Transmitting data use DATA 0 as PID
TXOE1: Endpoint 1 FIFO data ready bit
1: Endpoint 1 FIFO data are ready to be transmitted. Data will be transmitted when a valid IN
token is received. This bit is automatically cleared by hardware after the transaction complete
(ACK is received).
0: Endpoint 1 FIFO data are not ready to be transmitted. Endpoint 1 will respond with a NAK to a
valid IN transaction.
RXDIS0: Endpoint 0 receiving not available bit
1: Endpoint 0 FIFO is not available. The received data cannot be pushed into FIFO. The USB
controller will respond with a NAK to a valid OUT transaction. This bit is set by hardware when



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com