Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL603USB Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # GL603USB
Description  USB PS/2 MOUSE MICROCONTROLLER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL603USB Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button GL603USB Datasheet HTML 21Page - List of Unclassifed Manufacturers GL603USB Datasheet HTML 22Page - List of Unclassifed Manufacturers GL603USB Datasheet HTML 23Page - List of Unclassifed Manufacturers GL603USB Datasheet HTML 24Page - List of Unclassifed Manufacturers GL603USB Datasheet HTML 25Page - List of Unclassifed Manufacturers GL603USB Datasheet HTML 26Page - List of Unclassifed Manufacturers GL603USB Datasheet HTML 27Page - List of Unclassifed Manufacturers GL603USB Datasheet HTML 28Page - List of Unclassifed Manufacturers GL603USB Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
25
09/22/00
GL603USB/GL603USB-A/GL603USB-B
Revision 1.4
The byte count buffer is loaded from TXCNT(TXCTL0<3~0>) during endpoint 0 transmit operations. This
same buffer is used for receive transactions to count the number of bytes received at endpoint 0 and, upon
the end of transaction, transfer the value to RXCNT(RXCTL0<3~0>).
When transmitting, the SIE handles parallel-to-serial conversion, CRC generation, NRZI encoding, and bit
stuffing. When receiving, the SIE handles sync detection, packet identification, end-of-packet detection, bit
(un)stuffing, NRZI decoding, CRC validation, and serial-to-parallel conversion. Errors detected by the SIE
include bad CRC, timeout while waiting for EOP, and bit stuffing violations.
All USB devices are required to have an endpoint 0 that is used to initialize and manipulate the device.
Endpoint 0 provides access to the device’s configuration info rmation and allows generic USB status and
control accesses. Endpoint 0 can receive and transmit data. Both receive and transmit data share the same
8-byte Endpoint 0 FIFO, FFDAT0. Received data may overwrite the data previously in the FIFO.
Endpoint 1 is of transmit only. This endpoint is used to transmit HID report data to host.
4.9
INSTRUCTION SET SUMMARY
4.9.1
Operand Field Descriptions
Field
Description
r
Register address
A
Accumulator
i
Immediate data
b
Bit address within a 8-bit register
4.9.2
Instruction Set
Mnemonic,
Operands
Description
Cycles
Flags
Affected
Arithmetic Operations
ADDAR r, A
Add r and A, r <- r + A
1
CA, HC, ZO
ADDAR A, r
Add A and r, A <- A + r
1
CA, HC, ZO
ADDAI i
Add A and i, A <- A + i
1
CA, HC, ZO
INCR r
Increment r, r <- r +1
1
ZO
INCR A, r
Increment r, A <- r + 1
1
ZO
INCRSZ r
Increment r, r <- r +1, skip if (r = 0)
1 or 2
INCRSZ A, r
Increment r, A <- r +1, skip if (A = 0)
1 or 2
SUBAR r, A
Subtract A from r, r <- r - A
1
CA, HC, ZO
SUBAR A, r
Subtract A from r, A <- r - A
1
CA, HC, ZO
SUBIA i
Subtract A from i, A <- i - A
1
CA, HC, ZO
DECR r
Decrement r, r <- r -1
1
ZO
DECR A, r
Decrement r, A <- r -1
1
ZO
DECRSZ r
Decrement r, r <- r-1, skip if (r = 0)
1 or 2
DECRSZ A, r
Decrement r, A <- r – 1, skip if (A = 0)
1 or 2
CLRR r
Clear r, r <- 0
1
ZO
CLRA
Clear A, A <- 0
1
ZO
NOP
No operation
1
Logical Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com