Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL603USB Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # GL603USB
Description  USB PS/2 MOUSE MICROCONTROLLER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL603USB Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button GL603USB Datasheet HTML 7Page - List of Unclassifed Manufacturers GL603USB Datasheet HTML 8Page - List of Unclassifed Manufacturers GL603USB Datasheet HTML 9Page - List of Unclassifed Manufacturers GL603USB Datasheet HTML 10Page - List of Unclassifed Manufacturers GL603USB Datasheet HTML 11Page - List of Unclassifed Manufacturers GL603USB Datasheet HTML 12Page - List of Unclassifed Manufacturers GL603USB Datasheet HTML 13Page - List of Unclassifed Manufacturers GL603USB Datasheet HTML 14Page - List of Unclassifed Manufacturers GL603USB Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
11
09/22/00
GL603USB/GL603USB-A/GL603USB-B
Revision 1.4
3.3
GL603USB-B
Pin No.
Name
I/O
Description
1
P1.2/LB
[1]
I/O
Port 1 bit 2/mouse left button
Internal pull up 10K
2
P1.3/MB
I/O
Port 1 bit 3/mouse middle button
Internal pull up 10K
3
P1.4/RB
I/O
Port 1 bit 4/mouse right button
Internal pull up 10K
4
VCC
-
Voltage supply
5
XTAL2
O
Ceramic resonator or crystal out
6
XTAL1
I
Ceramic resonator or crystal in
7
D+/P1.6/PS2 CLK
I/O
USB data+ when USBPS2 = 1
Port 1 bit 6 when USBPS2 = 0. This pin is a open drain
output pin.
8
D-/P1.5/PS2 DATA
I/O
USB data- when USBPS2 = 1
Port 1 bit 5 when USBPS2 = 0. This pin is a open drain
output pin.
9
V3.3
O
3.3V output, a 0.1uF to 1uF capacitor should be added
on external circuit for this pin
10
P1.0/LEDCTL
I/O
Port 1 bit 0 with LED drive capability
11
P1.1/MODESEL
I/O
Port 1 bit 1/mouse mode selector
12
GND
-
Ground
13
P2.3/Y1
I/O
Port 2 bit 3/photo-sensor input for Y axis 1
Optional internal pull down from 4K ~ 32K or
no pull down resistor
14
P2.2/Y2
I/O
Port 2 bit 2/photo-sensor input for Y axis 2
Optional internal pull down from 4K ~ 32K or
no pull down resistor
15
P2.1/X1
I/O
Port 2 bit 1/photo-sensor input for X axis 1
Optional internal pull down from 4K ~ 32K or
no pull down resistor
16
P2.0/X2
I/O
Port 2 bit 0/photo-sensor input for X axis 1
Optional internal pull down from 4K ~ 32K or
no pull down resistor
Table 3 -3 GL603USB-B Pin Definitions and Descriptions
Figure 3-3 16-pin DIP& SOP (GL603USB-B)
P2.0
P2.1
P2.2
P2.3
GND
P1.1
P1.0
V3.3
1
16
2
15
3
14
4
13
5
12
6
11
7
10
8
9
P1.2
P1.3
P1.4
VCC
XTAL2
XTAL1
D+
D-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com